Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF4218L Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4218L
Description  Dual Low Power Frequency Synthesizers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4218L Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4218L_15 Datasheet HTML 4Page - Analog Devices ADF4218L_15 Datasheet HTML 5Page - Analog Devices ADF4218L_15 Datasheet HTML 6Page - Analog Devices ADF4218L_15 Datasheet HTML 7Page - Analog Devices ADF4218L_15 Datasheet HTML 8Page - Analog Devices ADF4218L_15 Datasheet HTML 9Page - Analog Devices ADF4218L_15 Datasheet HTML 10Page - Analog Devices ADF4218L_15 Datasheet HTML 11Page - Analog Devices ADF4218L_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
REV. C
ADF4217L/ADF4218L/ADF4219L
–8–
–400kHz
–200kHz
900MHz
200kHz
400kHz
VDD = 3V, VP = 5V
ICP = 4.0mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 10kHz
VIDEO BANDWIDTH = 10kHz
SWEEP = 1.9 SECONDS
AVERAGES = 20
REFERENCE
LEVEL = –4.2dBm
–83dBc
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY
TPC 7. Reference Spurs, IF Side
(900 MHz, 200 kHz, 20 kHz)
10dB/DIVISION
RL = –40dBc/Hz
rms NOISE = 0.9
100Hz
FREQUENCY OFFSET FROM 900MHz CARRIER
1MHz
–90
–80
–70
–60
–50
–40
–100
–110
–120
–130
–140
TPC 8. Integrated Phase Noise, IF Side
(900 MHz, 200 kHz, 20 kHz)
PHASE DETECTOR FREQUENCY – kHz
1
10000
100
1000
–180
–140
–150
–160
–170
–120
–130
10
VDD = 3V
VP = 5V
TPC 9. Phase Noise Referred to CP Output vs.
PFD Frequency, RF Side
PHASE DETECTOR FREQUENCY – kHz
1
10000
100
1000
–180
–140
–150
–160
–170
–120
–130
10
VDD = 3V
VP = 5V
TPC 10. Phase Noise Referred to CP Output vs.
PFD Frequency, IF Side
TEMPERATURE – C
–60
–70
–100
–40
100
–20
020
40
60
80
–80
–90
VDD = 3V
VP = 5V
TPC 11. Phase Noise vs. Temperature, RF Side
(1960 MHz, 200 kHz, 20 kHz)
TEMPERATURE – C
–60
–70
–100
–40
100
–20
020
40
60
80
–80
–90
VDD = 3V
VP = 5V
TPC 12. Phase Noise vs. Temperature, IF Side
(900 MHz, 200 kHz, 20 kHz)


Similar Part No. - ADF4218L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4218L AD-ADF4218L Datasheet
273Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
More results

Similar Description - ADF4218L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4217L AD-ADF4217L Datasheet
273Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4217L AD-ADF4217L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
ADF4219L AD-ADF4219L_15 Datasheet
290Kb / 24P
   Dual Low Power Frequency Synthesizers
REV. C
logo
Texas Instruments
LMX2485Q-Q1 TI1-LMX2485Q-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Low Power Dual PLLatinum Frequency Synthesizers
LMX2486 TI1-LMX2486_16 Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487 TI1-LMX2487 Datasheet
1Mb / 49P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
LMX2487E TI1-LMX2487E Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power Dual PLLatinum Frequency Synthesizers
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Analog Devices
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com