Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTA55N20J3-0-T3-G Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTA55N20J3-0-T3-G
Description  N -Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTA55N20J3-0-T3-G Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTA55N20J3-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTA55N20J3-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTA55N20J3-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTA55N20J3-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTA55N20J3-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTA55N20J3-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTA55N20J3-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTA55N20J3-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTA55N20J3-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C976J3
Issued Date : 2014.09.15
Revised Date :
Page No. : 2/9
MTA55N20J3
CYStek Product Specification
Absolute Maximum Ratings (TC=25°C, unless otherwise noted)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
200
Gate-Source Voltage
VGS
±
20
V
Continuous Drain Current @ TC=25
°C, VGS=10V
ID
25
Continuous Drain Current @ TC=100
°C, VGS=10V
ID
17.7
Pulsed Drain Current *1
IDM
60
Avalanche Current
IAS
20
A
Avalanche Energy @ L=1.6mH, ID=20A, RG=25Ω
EAS
320
Repetitive Avalanche Energy@ L=0.1mH
(Note 2)
EAR
4.6
mJ
Total Power Dissipation @TC=25℃
107
Total Power Dissipation @TA=25℃
Pd
1.14
W
Operating Junction and Storage Temperature Range
Tj, Tstg
-55~+175
°C
Note : *1
. Pulse width limited by maximum junction temperature
*2. Duty cycle ≤ 1%
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
Rth,j-c
1.4
°C/W
Thermal Resistance, Junction-to-ambient, max
Rth,j-a
110
°C/W
Characteristics (Tc=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
200
-
-
V
VGS=0V, ID=250μA
VGS(th)
0.5
0.8
1.5
V
VDS =VGS, ID=250μA
IGSS
-
-
±
100
nA
VGS=±20V, VDS=0V
-
-
1
VDS =200V, VGS =0V
IDSS
-
-
25
μA
VDS =160V, VGS =0V, TJ=125
°C
-
52
62
VGS =10V, ID=11A
RDS(ON) *1
-
52
70
VGS =4.5V, ID=5A
GFS *1
-
40
-
S
VDS =15V, ID=11A
Dynamic
Qg *1, 2
-
100
-
Qgs *1, 2
-
8.6
-
Qgd *1, 2
-
18.4
-
nC
VDS=160V, ID=20A, VGS=10V
td(ON) *1, 2
-
16.8
-
tr
*1, 2
-
51
-
td(OFF) *1, 2
-
528
-
tf *1, 2
-
309
-
ns
VDS=100V, ID=20A, VGS=10V,
RG=25Ω


Similar Part No. - MTA55N20J3-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTA55N20J3 CYSTEKEC-MTA55N20J3 Datasheet
397Kb / 9P
   TO-252
More results

Similar Description - MTA55N20J3-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com