Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBC2518T470KV Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # CBC2518T470KV
Description  Wire-wound Chip Inductors for Automotive
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CBC2518T470KV Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  CBC2518T470KV Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS (High Reliability Application)
Wire-wound Chip Inductors for Automotive / Industrial Applications (CB series)
CBC2518T470KV
Features
Item Summary
47μH(±10%), 240mA, 165mA, 1007
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 2000pcs
Products characteristics table
CaseSize (EIA/JIS)
1007/2518
Inductance
47μH(±10%)
Inductance Measuring Frequency
2.52MHz
Rated Current -Saturation Current
240mA
Rated Current -Temperature Rise Current
165mA
DC Resistance (max)
2.47Ω
Avg. of DC.Resistance
1.9Ω
Self-resonant Frequency (min)
12MHz
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
2.5mm ±0.2
W
1.8mm ±0.2
H
1.8mm ±0.2
2015.03.18
1 / 1


Similar Part No. - CBC2518T470KV

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CBC2518T470K TAIYO-YUDEN-CBC2518T470K Datasheet
143Kb / 1P
   Wire-wound Chip Power Inductors
CBC2518T470K TAIYO-YUDEN-CBC2518T470K Datasheet
283Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CBC]
CBC2518T470K TAIYO-YUDEN-CBC2518T470K Datasheet
363Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
CBC2518T470K8 TAIYO-YUDEN-CBC2518T470K8 Datasheet
277Kb / 2P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CBC]
2019.12.23
CBC2518T470K TAIYO-YUDEN-CBC2518T470K_19 Datasheet
283Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CBC]
More results

Similar Description - CBC2518T470KV

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LB2016T150KV TAIYO-YUDEN-LB2016T150KV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2016T330KV TAIYO-YUDEN-LB2016T330KV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2016T330MV TAIYO-YUDEN-LB2016T330MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T2R2MV TAIYO-YUDEN-LB2518T2R2MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T4R7MV TAIYO-YUDEN-LB2518T4R7MV Datasheet
137Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T6R8MV TAIYO-YUDEN-LB2518T6R8MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T100MV TAIYO-YUDEN-LB2518T100MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T151MV TAIYO-YUDEN-LB2518T151MV Datasheet
137Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T220KV TAIYO-YUDEN-LB2518T220KV Datasheet
137Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T331MV TAIYO-YUDEN-LB2518T331MV Datasheet
137Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T470KV TAIYO-YUDEN-LB2518T470KV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com