Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIN230 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIN230
Description  5V Powered RS-232 Transmitters/Receivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN230 Datasheet(HTML) 1 Page - Intersil Corporation

  HIN230 Datasheet HTML 1Page - Intersil Corporation HIN230 Datasheet HTML 2Page - Intersil Corporation HIN230 Datasheet HTML 3Page - Intersil Corporation HIN230 Datasheet HTML 4Page - Intersil Corporation HIN230 Datasheet HTML 5Page - Intersil Corporation HIN230 Datasheet HTML 6Page - Intersil Corporation HIN230 Datasheet HTML 7Page - Intersil Corporation HIN230 Datasheet HTML 8Page - Intersil Corporation HIN230 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
3-1
TM
File Number
3138.7
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000
HIN230 thru HIN241
+5V Powered RS-232
Transmitters/Receivers
The HIN230-HIN241 family of RS-232 transmitters/receivers
interface circuits meet all ElA RS-232E and V.28 specifications,
and are particularly suited for those applications where
±12V is
not available. They require a single +5V power supply (except
HIN231 and HIN239) and feature onboard charge pump
voltage converters which generate +10V and -10V supplies
from the 5V supply. The HIN233 and HIN235 require no
external capacitors and are ideally suited for applications where
circuit board space is critical. The family of devices offer a wide
variety of RS-232 transmitter/receiver combinations to
accommodate various applications (see Selection Table).
The drivers feature true TTL/CMOS input compatibility, slew-
rate-limited output, and 300
Ω power-off source impedance.
The receivers can handle up to
±30V, and have a 3kΩ to 7kΩ
input impedance. The receivers also feature hysteresis to
greatly improve noise rejection.
Features
• Meets All RS-232E and V.28 Specifications
• Requires Only Single +5V Power Supply
- (+5V and +12V - HIN231 and HIN239)
• High Data Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . 120kbps
• HIN233 and HIN235 Require No External Capacitors
• Onboard Voltage Doubler/Inverter
• Low Power Consumption
• Low Power Shutdown Function
• Three-State TTL/CMOS Receiver Outputs
• Multiple Drivers
-
±10V Output Swing for 5V lnput
- 300
Ω Power-Off Source Impedance
- Output Current Limiting
- TTL/CMOS Compatible
- 30V/
µs Maximum Slew Rate
• Multiple Receivers
-
±30V Input Voltage Range
-3k
Ω to 7kΩ Input Impedance
- 0.5V Hysteresis to Improve Noise Rejection
Applications
• Any System Requiring RS-232 Communication Ports
- Computer - Portable, Mainframe, Laptop
- Peripheral - Printers and Terminals
- Instrumentation
- Modems
Selection Table
PART
NUMBER
POWER SUPPLY
VOLTAGE
NUMBER OF
RS-232
DRIVERS
NUMBER OF
RS-232
RECEIVERS
EXTERNAL
COMPONENTS
LOW POWER
SHUTDOWN/TTL
THREE-STATE
NUMBER OF
LEADS
HIN230
+5V
5
0
4 Capacitors
Yes/No
20
HIN231
+5V and +7.5V to 13.2V
2
2
2 Capacitors
No/No
16
HIN232
+5V
2
2
4 Capacitors
No/No
16
HIN233
+5V
2
2
None
No/No
20
HIN234
+5V
4
0
4 Capacitors
No/No
16
HIN235
+5V
5
5
None
Yes/Yes
24
HIN236
+5V
4
3
4 Capacitors
Yes/Yes
24
HIN237
+5V
5
3
4 Capacitors
No/No
24
HIN238
+5V
4
4
4 Capacitors
No/No
24
HIN239
+5V and +7.5V to 13.2V
3
5
2 Capacitors
No/Yes
24
HIN240
+5V
5
5
4 Capacitors
Yes/Yes
44
HIN241
+5V
4
5
4 Capacitors
Yes/Yes
28
Data Sheet
May 2000


Similar Part No. - HIN230

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN232 INTERSIL-HIN232 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN232A INTERSIL-HIN232A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
HIN232A INTERSIL-HIN232A Datasheet
245Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
More results

Similar Description - HIN230

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232A RENESAS-HIN232A Datasheet
494Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN232A INTERSIL-HIN232A_06 Datasheet
245Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202 INTERSIL-HIN202 Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com