Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK1586 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK1586
Description  N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK1586 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK1586_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SK1586_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SK1586_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SK1586_15 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
N-Channel MOSFET
2SK1586
Features
VDS (V) = 30V
ID = 1 A
RDS(ON) < 0.6Ω (VGS = 10V)
RDS(ON) < 1Ω (VGS = 4V)
1.70 0.1
0.42 0.1
0.46 0.1
1.Gate
2.Drain
3.Source
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
30
Gate-Source Voltage
VGS
±
20
Continuous Drain Current
ID
1
Pulsed Drain Current
(Note.1)
IDM
2
Power Dissipation
PD
2
W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
A
Note.1: PW ≤ 10ms, Duty Cycle ≤ 50%
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
30
V
Zero Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0V
1
uA
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±20V
±
10
uA
Gate Cutt-off Voltage
VGS(off)
VDS=10V , ID=1mA
1.3
2.5
V
VGS=10V, ID=0.5A
0.6
VGS=4V, ID=0.5A
1
Forward Transconductance
gFS
VDS=5V, ID=0.5A
0.4
S
Input Capacitance
Ciss
170
Output Capacitance
Coss
170
Reverse Transfer Capacitance
Crss
55
Turn-On DelayTime
td(on)
50
Turn-On Rise Time
tr
220
Turn-Off DelayTime
td(off)
210
Turn-Off Fall Time
tf
230
Static Drain-Source On-Resistance
VGS=0V, VDS=5V, f=1MHz
pF
ns
Ω
VGS(on)=5V, VDS=20V,
ID=0.5A,RL=40Ω,RG=10Ω
RDS(On)
Marking
Marking
NI


Similar Part No. - 2SK1586_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK1586-HF KEXIN-2SK1586-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - 2SK1586_15

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com