Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI7133CM44 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HI7133CM44
Description  3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI7133CM44 Datasheet(HTML) 4 Page - Intersil Corporation

  HI7133CM44 Datasheet HTML 1Page - Intersil Corporation HI7133CM44 Datasheet HTML 2Page - Intersil Corporation HI7133CM44 Datasheet HTML 3Page - Intersil Corporation HI7133CM44 Datasheet HTML 4Page - Intersil Corporation HI7133CM44 Datasheet HTML 5Page - Intersil Corporation HI7133CM44 Datasheet HTML 6Page - Intersil Corporation HI7133CM44 Datasheet HTML 7Page - Intersil Corporation HI7133CM44 Datasheet HTML 8Page - Intersil Corporation HI7133CM44 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
3-1829
Absolute Maximum Ratings
Thermal Information
Supply Voltage, V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +15V
Signal Inputs, Pin# 30, 31 (Note 1). . . . . . . . . . . . . . . . . . . . V+ to V-
Reference Inputs, Pin# 35, 36 . . . . . . . . . . . . . . . . . . . . . . . V+ to V-
Clock Input, OSC1, Pin# 40 (Note 2) . . . . . . . . . . . . TEST pin to V+
All Other Analog Leads, Pin# 27-29, 32-34 . . . . . . . . . . . . . V+ to V-
All Other Digital Leads,
Pin# 2-25, 38, 39 (Note 2). . . . . . . . . . . . . . . . . . . TEST Pin to V+
Operating Conditions
Operating Temperature, TA. . . . . . . . . . . . . . . . . . . . . . .0
oC to 70oC
Thermal Resistance (Typical, Note 3)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
50
MQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
80
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature, PDIP Package (Soldering 10s) 300oC
(MQFP - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Input voltages may exceed the supply voltages provided the input current is limited to
±100µA.
2. TEST pin is connected to internally generated digital ground through a 500
Ω resistor (see text for TEST pin description).
3.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
(Notes 5, 6, 7) TA = 25
oC. Device is Tested in the Circuit Shown in Figure 2.
Full Scale Range (FSR) = 200.0mV, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ACCURACY
Zero Input Reading
VIN = 0V
-000
±000
+000
Reading
Ratiometric Reading
VIN HI = VREF HI, VIN LO = VREF LO = VCOMMON
VREF HI - VREF LO = 100mV
999
999/
1000
1001
Reading
Rollover Error
VIN = ±199mV
-
±0.2
±1
Count
Linearity Error
FSR = 200mV or 2V (Notes 5, 8)
-
±0.2
±1
Count
Zero Input Reading Drift
VIN = 0V
Over Full Temperature Range
(Notes 5, 8)
-
±0.2
±1
±0.01
µV/oC
Count/oC
Scale Factor Temperature Coefficient
VIN = 199mV, Over Full Temperature Range,
Reference Drift Not Included (Notes 5, 8)
-
±1
±5
±0.01
ppm/oC
Count/oC
Equivalent Input Noise (Peak-To-Peak
Value Not Exceeded 95% of the Time)
VIN = 0V (Notes 5, 8)
-
15
0.15
-
µV
Count
INPUT
Common Mode Voltage Sensitivity
VCM = ±1V, VIN = 0V (Notes 5, 6, 8, 9)
-
-
1
0.01
µV/V
Count/V
Input Leakage Current
VIN = 0V (Notes 5, 8)
-
1
10
pA
Overload Recovery Period
VIN Changing from ±10V to 0V
(Notes 5, 8)
-
-
1
Conversion
Cycle
COMMON PIN
COMMON Pin Voltage (With Respect
to V+, i.e., V+ - VCOMMON)
V+ to V- = 10V
2.4
2.8
3.2
V
COMMON Pin Voltage Temperature
Coefficient
V+ to V- = 10V (Notes 5, 8)
-
150
-
ppm/oC
COMMON Pin Sink Current
+0.1V Change on VCOMMON (Note 5)
-
3
-
mA
COMMON Pin Source Current
-0.1V Change on VCOMMON (Note 5)
-
1
-
µA
HI7131, HI7133


Similar Part No. - HI7133CM44

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7133CM44 INTERSIL-HI7133CM44 Datasheet
939Kb / 25P
   3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
More results

Similar Description - HI7133CM44

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7131 INTERSIL-HI7131_02 Datasheet
939Kb / 25P
   3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
ICL7136 INTERSIL-ICL7136 Datasheet
497Kb / 15P
   3 1/2 Digit LCD/LED, Low Power Display, A/D Converters with Overrange Recovery
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
Unisonic Technologies
M7206 UTC-M7206_15 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
M7206 UTC-M7206 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com