Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI7106D Datasheet(PDF) 6 Page - Intersil Corporation

Part # HI7106D
Description  3 1/2 Digit, LCD/LED Display, A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI7106D Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HI7106D Datasheet HTML 2Page - Intersil Corporation HI7106D Datasheet HTML 3Page - Intersil Corporation HI7106D Datasheet HTML 4Page - Intersil Corporation HI7106D Datasheet HTML 5Page - Intersil Corporation HI7106D Datasheet HTML 6Page - Intersil Corporation HI7106D Datasheet HTML 7Page - Intersil Corporation HI7106D Datasheet HTML 8Page - Intersil Corporation HI7106D Datasheet HTML 9Page - Intersil Corporation HI7106D Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
The second function is a “lamp test”. When TEST is pulled
high (to V+) all segments will be turned on and the display
should read “1888”. The TEST pin will sink about 15mA
under these conditions.
CAUTION: In the lamp test mode, the segments have a constant DC
voltage (no square-wave). This may burn the LCD display if main-
tained for extended periods.
Digital Section
Figures 6 shows the digital section for the HI7106. In the
HI7106, an internal digital ground is generated from a 6V
Zener diode and a large P-Channel source follower.
This supply is made stiff to absorb the relative large capaci-
tive currents when the back plane (BP) voltage is switched.
The BP frequency is the clock frequency divided by 800. For
three readings/sec., this is a 60Hz square wave with a nomi-
nal amplitude of 5V. The segments are driven at the same
frequency and amplitude and are in phase with BP when
OFF, but out of phase when ON. In all cases negligible DC
voltage exists across the segments.
The polarity indication is “on” for negative analog inputs. If
IN LO and IN HI are reversed, this indication can be
reversed also, if desired.
HI7106
V+
BP
TEST
21
37
TO LCD
BACKPLANE
TO LCD
DECIMAL
POINT
1M
FIGURE 4. SIMPLE INVERTER FOR FIXED DECIMAL POINT
HI7106
V+
BP
TEST
DECIMAL
POINT
SELECT
CD4030
GND
V+
TO LCD
DECIMAL
POINTS
FIGURE 5. EXCLUSIVE ‘OR’ GATE FOR DECIMAL POINT DRIVE
7
SEGMENT
DECODE
SEGMENT
OUTPUT
0.5mA
2mA
INTERNAL DIGITAL GROUND
TYPICAL SEGMENT OUTPUT
V+
LCD PHASE DRIVER
LATCH
7
SEGMENT
DECODE
÷200
LOGIC CONTROL
INTERNAL
VTH = 1V
7
SEGMENT
DECODE
1000’s
100’s
10’s
1’s
TO SWITCH DRIVERS
FROM COMPARATOR OUTPUT
DIGITAL
GROUND
÷4
CLOCK
40
39
38
OSC 1
OSC 2
OSC 3
BACKPLANE
21
V+
TEST
V-
500
37
26
6.2V
COUNTER
COUNTER
COUNTER
COUNTER
1
c
a
b
c
d
f
g
e
a
b
a
b
c
d
f
g
e
a
b
c
d
f
g
e
THREE INVERTERS
ONE INVERTER SHOWN FOR CLARITY
FIGURE 6. HI7106 DIGITAL SECTION
HI7106


Similar Part No. - HI7106D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7106C/D INTERSIL-HI7106C/D Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106CPL INTERSIL-HI7106CPL Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
More results

Similar Description - HI7106D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
Intersil Corporation
ICL7116 INTERSIL-ICL7116 Datasheet
140Kb / 14P
   31/2 Digit, LCD/LED Display, A/D Converter with Display Hold
logo
List of Unclassifed Man...
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Cyrustek corporation
ES5136 CYRUSTEK-ES5136 Datasheet
692Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com