Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5905N Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI5905N
Description  14-Bit, 5 MSPS, Military A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5905N Datasheet(HTML) 1 Page - Intersil Corporation

  HI5905N Datasheet HTML 1Page - Intersil Corporation HI5905N Datasheet HTML 2Page - Intersil Corporation HI5905N Datasheet HTML 3Page - Intersil Corporation HI5905N Datasheet HTML 4Page - Intersil Corporation HI5905N Datasheet HTML 5Page - Intersil Corporation HI5905N Datasheet HTML 6Page - Intersil Corporation HI5905N Datasheet HTML 7Page - Intersil Corporation HI5905N Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4-1
TM
File Number
4718.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-724-7143
| Copyright
© Intersil Corporation 1999
HI5905N/QML
14-Bit, 5 MSPS, Military A/D Converter
The HI5905N/QML is a monolithic, 14-bit, 5MSPS Analog-
to-Digital Converter fabricated in an advanced BiCMOS
process. It is designed for high speed, high resolution
applications where wide bandwidth, low power consumption
and excellent SINAD performance are essential. With a
100MHz full power input bandwidth and high frequency
accuracy, the converter is ideal for many Military types of
communication systems employing digital IF architectures.
The HI5905N/QML is designed in a fully differential pipelined
architecture with a front end differential-in-differential-out
sample-and-hold amplifier (S/H). Consuming 350mW (typ)
power at 5MSPS, the HI5905N/QML has excellent dynamic
performance over the full Military temperature range.
Data output latches are provided which present valid data to
the output bus with a data latency of only 4 clock cycles.
Specifications for QML devices are controlled by the
Defense Supply Center in Columbus (DSCC). The SMD
numbers listed below must be used when ordering.
Detailed Electrical Specifications for the HI5905N/QML
are contained in SMD 5962-98591. That document may
be easily downloaded from our website.
http://www.Intersil.com/data/sm/index.htm
Pinout
HI5905 (MQFP) (MO-108AA-2 ISSUE A)
TOP VIEW
Features
• QML Compliant per SMD 5962-9859101NXB
• Sampling Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . .5MSPS
• Low Power at 5MSPS. . . . . . . . . . . . . . . . . 400mW (Max)
• Internal Sample and Hold
• Fully Differential Architecture
• Full Power Input Bandwidth . . . . . . . . . . . . . . . . . 100MHz
• SINAD at 1MHz . . . . . . . . . . . . . . . . . . . . . . >69dB (Min)
• Internal Voltage Reference
• TTL Compatible Clock Input
• CMOS Compatible Digital Data Outputs
Applications
• Digital Communication Systems
• Undersampling Digital IF
• Asymmetric Digital Subscriber Line (ADSL)
• Document Scanners
• Reference Literature
- AN9214, Using Intersil High Speed A/D Converters
- AN9785, Using the Intersil HI5905 EVAL2 Evaluation
Board
1
2
3
4
5
6
7
8
9
10
11
12 13 14 15 16 17
28
27
26
25
24
23
22
21
20
19
18
39 38 37 36 35 34
33
32
31
30
29
44 43 42 41 40
NC
NC
NC
AVCC
AGND
NC
NC
VIN+
VIN-
VDC
DGND1
D3
D4
D6
D7
NC
DVCC2
DGND2
D8
D9
NC
D5
Ordering Information
ORDERING
NUMBER
INTERNAL INTERSIL
MKT. NUMBER
TEMP.
RANGE(oC)
5962-9859101NXB
HI5905N/QML
-55 to 125
HI5905EVAL2
Low Frequency Platform
25
Data Sheet
July 1999


Similar Part No. - HI5905N

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5905 INTERSIL-HI5905 Datasheet
108Kb / 11P
   14-Bit, 5 MSPS A/D Converter
HI5905 INTERSIL-HI5905 Datasheet
581Kb / 11P
   14-Bit, 5MSPS A/D Converter
logo
Renesas Technology Corp
HI5905 RENESAS-HI5905 Datasheet
598Kb / 11P
   14-Bit, 5MSPS A/D Converter
March 2003
logo
Intersil Corporation
HI5905EVAL2 INTERSIL-HI5905EVAL2 Datasheet
108Kb / 11P
   14-Bit, 5 MSPS A/D Converter
HI5905EVAL2 INTERSIL-HI5905EVAL2 Datasheet
581Kb / 11P
   14-Bit, 5MSPS A/D Converter
More results

Similar Description - HI5905N

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5905 INTERSIL-HI5905 Datasheet
108Kb / 11P
   14-Bit, 5 MSPS A/D Converter
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
AD9444 AD-AD9444 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
AD9444 AD-AD9444_15 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
AD9725 AD-AD9725 Datasheet
267Kb / 16P
   14-Bit, 600 MSPS D/A Converter
Rev. PrA
AD9444 AD-AD9444_17 Datasheet
999Kb / 41P
   14-Bit, 80 MSPS, A/D Converter
AD9725 AD-AD9725_15 Datasheet
273Kb / 16P
   14-Bit, 600 MSPS D/A Converter
Rev. PrA
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com