Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5860SOICEVAL1 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HI5860SOICEVAL1
Description  12-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5860SOICEVAL1 Datasheet(HTML) 2 Page - Intersil Corporation

  HI5860SOICEVAL1 Datasheet HTML 1Page - Intersil Corporation HI5860SOICEVAL1 Datasheet HTML 2Page - Intersil Corporation HI5860SOICEVAL1 Datasheet HTML 3Page - Intersil Corporation HI5860SOICEVAL1 Datasheet HTML 4Page - Intersil Corporation HI5860SOICEVAL1 Datasheet HTML 5Page - Intersil Corporation HI5860SOICEVAL1 Datasheet HTML 6Page - Intersil Corporation HI5860SOICEVAL1 Datasheet HTML 7Page - Intersil Corporation HI5860SOICEVAL1 Datasheet HTML 8Page - Intersil Corporation HI5860SOICEVAL1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Typical Applications Circuit
Functional Block Diagram
D11 (1)
D10 (2)
D9 (3)
D8 (4)
D7 (5)
D6 (6)
D5 (7)
D4 (8)
D11
D10
D9
D8
D7
D6
D5
D4
DCOM (26)
CLK (28)
(19) COMP1
(24) AVDD
D/A OUT
(22) IOUTA
(21) IOUTB
50
(18) FSADJ
(16) REFLO
HI5860
DVDD (27)
0.1
µF
50
10
µF
(20) ACOM
50
(15) SLEEP
(17) REFIO
0.1
µF
1.91k
FERRITE
10
µH
0.1
µF
(23) COMP2
0.1
µF
D/A OUT
+
BEAD
RSET
NC (13, 14)
D3
D2
D1
D0
D3 (9)
D2 (10)
D1 (11)
D0 (LSB) (12)
0.1
µF
10
µH
+
BEAD
(25) ACOM
ACOM
DCOM
10
µF
+5V OR +3V (VDD)
UPPER
VOLTAGE
REFERENCE
(LSB) D0
D1
D2
D3
D4
D5
D6
D9
CLK
D7
D8
5-BIT
DECODER
REFIO
LATCH
AVDD
ACOM
DVDD
DCOM
LATCH
CASCODE
CURRENT
SOURCE
SWITCH
MATRIX
BIAS
GENERATION
INT/EXT
FSADJ
REFERENCE
INT/EXT
SELECT
REFLO
31
38
38
31 MSB
SEGMENTS
7 LSBs
+
COMP2
COMP1
SLEEP
IOUTA
IOUTB
D10
(MSB) D11
HI5860


Similar Part No. - HI5860SOICEVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5860SOICEVAL1 INTERSIL-HI5860SOICEVAL1 Datasheet
621Kb / 10P
   12-Bit, 130MSPS, High Speed D/A Converter
HI5860SOICEVAL1 INTERSIL-HI5860SOICEVAL1 Datasheet
477Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
HI5860SOICEVAL1 INTERSIL-HI5860SOICEVAL1 Datasheet
683Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
February 6, 2008
logo
Renesas Technology Corp
HI5860SOICEVAL1 RENESAS-HI5860SOICEVAL1 Datasheet
586Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
More results

Similar Description - HI5860SOICEVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5861 INTERSIL-ISL5861 Datasheet
906Kb / 13P
   12-bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
HI5721 INTERSIL-HI5721_03 Datasheet
637Kb / 14P
   10-Bit, 125MSPS, High Speed D/A Converter
HI5960 INTERSIL-HI5960_05 Datasheet
297Kb / 12P
   14-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
HI5960 INTERSIL-HI5960 Datasheet
88Kb / 12P
   14-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
ISL5961 INTERSIL-ISL5961 Datasheet
899Kb / 13P
   14-Bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
logo
Maxim Integrated Produc...
MX578 MAXIM-MX578 Datasheet
230Kb / 6P
   High Speed 12 Bit A/D Converter
logo
Sony Corporation
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
logo
Intersil Corporation
KAD5612P_0909 INTERSIL-KAD5612P_0909 Datasheet
598Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
KAD5612P INTERSIL-KAD5612P Datasheet
450Kb / 27P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5612P ETC2-KAD5612P Datasheet
681Kb / 28P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com