Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5810JIJ Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI5810JIJ
Description  CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5810JIJ Datasheet(HTML) 1 Page - Intersil Corporation

  HI5810JIJ Datasheet HTML 1Page - Intersil Corporation HI5810JIJ Datasheet HTML 2Page - Intersil Corporation HI5810JIJ Datasheet HTML 3Page - Intersil Corporation HI5810JIJ Datasheet HTML 4Page - Intersil Corporation HI5810JIJ Datasheet HTML 5Page - Intersil Corporation HI5810JIJ Datasheet HTML 6Page - Intersil Corporation HI5810JIJ Datasheet HTML 7Page - Intersil Corporation HI5810JIJ Datasheet HTML 8Page - Intersil Corporation HI5810JIJ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
6-1777
August 1997
HI5810
CMOS 10 Microsecond, 12-Bit, Sampling
A/D Converter with Internal Track and Hold
Features
• Conversion Time . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
µs
• Throughput Rate . . . . . . . . . . . . . . . . . . . . . . .100 KSPS
• Built-In Track and Hold
• Single Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . +5V
• Maximum Power Consumption. . . . . . . . . . . . . . .40mW
• Internal or External Clock
• 1MHz Input Bandwidth . . . . . . . . . . . . . . . . . . . . . -3dB
Applications
• Remote Low Power Data Acquisition Systems
• Digital Audio
• DSP Modems
• General Purpose DSP Front End
µP Controlled Measurement Systems
• Process Controls
• Industrial Controls
Description
The HI5810 is a fast, low power, 12-bit, successive-
approximation, analog-to-digital converter. It can operate from
a single 3V to 6V supply and typically draws just 1.9mA when
operating at 5V. The HI5810 features a built-in track and hold.
The conversion time is as low as 10
µs with a 5V supply.
The twelve data outputs feature full high speed CMOS three-
state bus driver capability, and are latched and held through a
full conversion cycle. The output is user selectable: [i.e.,
12-bit, 8-bit (MSBs), and/or 4-bit (LSBs)]. A data ready flag,
and conversion-start input complete the digital interface.
An internal clock is provided and is available as an output.
The clock may also be over-driven by an external source.
Pinout
HI5810
(PDIP, CERDIP, SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
INL (LSB)
(MAX OVER
TEMP.)
TEMP.
RANGE
(oC)
PACKAGE
PKG.
NO.
HI5810JIP
±2.5
-40 to 85
24 Ld PDIP
E24.3
HI5810KIP
±2.0
-40 to 85
24 Ld PDIP
E24.3
HI5810JIB
±2.5
-40 to 85
24 Ld SOIC
M24.3
HI5810KIB
±2.0
-40 to 85
24 Ld SOIC
M24.3
HI5810JIJ
±2.5
-40 to 85
24 Ld CERDIP F24.3
HI5810KIJ
±2.0
-40 to 85
24 Ld CERDIP F24.3
DRDY
(LSB) D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
VSS
VDD
CLK
STRT
VREF-
VREF+
VAA+
OEM
D11 (MSB)
D10
OEL
VIN
VAA-
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
File Number
3633.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Similar Part No. - HI5810JIJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5810JIB-T INTERSIL-HI5810JIB-T Datasheet
762Kb / 13P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
More results

Similar Description - HI5810JIJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5810 INTERSIL-HI5810_01 Datasheet
762Kb / 13P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812 Datasheet
427Kb / 13P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812_05 Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812 RENESAS-HI5812 Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5813 INTERSIL-HI5813 Datasheet
153Kb / 11P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813 INTERSIL-HI5813_01 Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
logo
Maxim Integrated Produc...
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
   CMOS 12-Bit A/D Converters With Track-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com