Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5860 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI5860
Description  12-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5860 Datasheet(HTML) 1 Page - Intersil Corporation

  HI5860 Datasheet HTML 1Page - Intersil Corporation HI5860 Datasheet HTML 2Page - Intersil Corporation HI5860 Datasheet HTML 3Page - Intersil Corporation HI5860 Datasheet HTML 4Page - Intersil Corporation HI5860 Datasheet HTML 5Page - Intersil Corporation HI5860 Datasheet HTML 6Page - Intersil Corporation HI5860 Datasheet HTML 7Page - Intersil Corporation HI5860 Datasheet HTML 8Page - Intersil Corporation HI5860 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
File Number
4654.4
HI5860
12-Bit, 125+MSPS, CommLinkTM High
Speed D/A Converter
The HI5860 is a 12-bit, 125+MSPS (Mega Samples Per
Second), high speed, low power, D/A converter which is
implemented in an advanced CMOS process. Operating
from a single +3V to +5V supply, the converter provides
20mA of full scale output current and includes
edge-triggered CMOS input data latches. Low glitch energy
and excellent frequency domain performance are achieved
using a segmented current source architecture.
This device complements the CommLink HI5x60 and HI5x28
family of high speed converters, which includes 8, 10, 12,
and 14-bit devices.
Pinout
HI5860
(SOIC)
TOP VIEW
Features
• Throughput Rate . . . . . . . . . . . . . . . . . . . . . . .125+MSPS
• Low Power . . . 175mW at 5V, 32mW at 3V (At 100MSPS)
• Integral Linearity Error (Typical) . . . . . . . . . . . . .
±0.5 LSB
• Adjustable Full Scale Output Current . . . . . 2mA to 20mA
• Internal 1.2V Bandgap Voltage Reference
• Single Power Supply from +5V to +3V
• Power Down Mode
• CMOS Compatible Inputs
• Excellent Spurious Free Dynamic Range
(76dBc, fS = 50MSPS, fOUT = 2.51MHz)
• Excellent Multitone Intermodulation Distortion
Applications
• Basestations (Cellular, WLL)
• Medical/Test Instrumentation
• Wireless Communications Systems
• Direct Digital Frequency Synthesis
• Signal Reconstruction
• High Resolution Imaging Systems
• Arbitrary Waveform Generators
Ordering Information
PART
NUMBER
TEMP.
RANGE
(oC)
PACKAGE
PKG. NO.
CLOCK
SPEED
HI5860IB
-40 to 85 28 Ld SOIC
M28.3
125MHz
HI5860IA
-40 to 85 28 Ld TSSOP M28.173A 125MHz
HI5860SOICEVAL1
25
Evaluation Platform
125MHz
TSSOP Samples Available November 1999.
28
27
26
25
24
23
22
21
20
19
18
17
16
15
D11 (MSB)
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
CLK
DCOM
ACOM
AVDD
COMP2
IOUTB
COMP1
FSADJ
REFIO
REFLO
SLEEP
DVDD
IOUTA
ACOM
Data Sheet
November 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999
CommLink™ is a trademark of Intersil Corporation.


Similar Part No. - HI5860

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5860 INTERSIL-HI5860 Datasheet
477Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
HI5860 INTERSIL-HI5860 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
HI5860 RENESAS-HI5860 Datasheet
586Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5860 INTERSIL-HI5860 Datasheet
683Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
February 6, 2008
HI5860IA INTERSIL-HI5860IA Datasheet
621Kb / 10P
   12-Bit, 130MSPS, High Speed D/A Converter
More results

Similar Description - HI5860

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5861 INTERSIL-ISL5861 Datasheet
906Kb / 13P
   12-bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
HI5721 INTERSIL-HI5721_03 Datasheet
637Kb / 14P
   10-Bit, 125MSPS, High Speed D/A Converter
HI5960 INTERSIL-HI5960_05 Datasheet
297Kb / 12P
   14-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
HI5960 INTERSIL-HI5960 Datasheet
88Kb / 12P
   14-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
ISL5961 INTERSIL-ISL5961 Datasheet
899Kb / 13P
   14-Bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
logo
Maxim Integrated Produc...
MX578 MAXIM-MX578 Datasheet
230Kb / 6P
   High Speed 12 Bit A/D Converter
logo
Sony Corporation
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
logo
Intersil Corporation
KAD5612P_0909 INTERSIL-KAD5612P_0909 Datasheet
598Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
KAD5612P INTERSIL-KAD5612P Datasheet
450Kb / 27P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5612P ETC2-KAD5612P Datasheet
681Kb / 28P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com