Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5860 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HI5860
Description  12-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5860 Datasheet(HTML) 5 Page - Intersil Corporation

  HI5860 Datasheet HTML 1Page - Intersil Corporation HI5860 Datasheet HTML 2Page - Intersil Corporation HI5860 Datasheet HTML 3Page - Intersil Corporation HI5860 Datasheet HTML 4Page - Intersil Corporation HI5860 Datasheet HTML 5Page - Intersil Corporation HI5860 Datasheet HTML 6Page - Intersil Corporation HI5860 Datasheet HTML 7Page - Intersil Corporation HI5860 Datasheet HTML 8Page - Intersil Corporation HI5860 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
+5V Power Supply
Total Harmonic Distortion (THD) to
Nyquist
fCLK = 100MSPS, fOUT = 4.0MHz (Notes 4, 8)
-
-71
-
dBc
fCLK = 50MSPS, fOUT = 2.0MHz (Notes 4, 8)
-
-75
-
dBc
fCLK = 25MSPS, fOUT = 1.0MHz (Notes 4, 8)
-
-76
-
dBc
+5V Power Supply
Spurious Free Dynamic Range,
SFDR to Nyquist (fCLK/2)
fCLK = 125MSPS, fOUT = 40.4MHz (Notes 4, 8)
-
55
-
dBc
fCLK = 125MSPS, fOUT = 10.1MHz (Notes 4, 8)
-
66
-
dBc
fCLK = 125MSPS, fOUT = 5.02MHz, T = 25
oC (Notes 4, 8)
68
74
-
dBc
fCLK = 125MSPS, fOUT = 5.02MHz, T = Min to Max (Notes 4, 8)
66
-
-
dBc
fCLK = 100MSPS, fOUT = 40.4MHz (Notes 4, 8)
-
54
-
dBc
fCLK = 100MSPS, fOUT = 20.2MHz (Notes 4, 8)
-
62
-
dBc
fCLK = 100MSPS, fOUT = 5.04MHz, T = 25
oC (Notes 4, 8)
68
74
-
dBc
fCLK = 100MSPS, fOUT = 5.04MHz, T = Min to Max (Notes 4, 8)
66
-
dBc
fCLK = 100MSPS, fOUT = 2.51MHz (Notes 4, 8)
-
75
-
dBc
fCLK = 50MSPS, fOUT = 20.2MHz (Notes 4, 8)
-
64
-
dBc
fCLK = 50MSPS, fOUT = 5.02MHz, T = 25
oC (Notes 4, 8)
68
74
-
dBc
fCLK = 50MSPS, fOUT = 5.02MHz, T = Min to Max (Notes 4, 8)
66
-
-
dBc
fCLK = 50MSPS, fOUT = 2.51MHz (Notes 4, 8)
-
76
-
dBc
fCLK = 50MSPS, fOUT = 1.00MHz (Notes 4, 8)
-
78
-
dBc
fCLK = 25MSPS, fOUT = 1.0MHz (Notes 4, 8)
-
78
-
dBc
+5V Power Supply
Multitone Power Ratio
fCLK = 20MSPS, fOUT = 2.0MHz to 2.99MHz, 8 Tones at 110kHz
Spacing (Notes 4, 8)
-
76
-
dBc
fCLK = 100MSPS, fOUT = 10MHz to 14.95MHz, 8 Tones at 530kHz
Spacing (Notes 4, 8)
-
76
-
dBc
+3V Power Supply
Spurious Free Dynamic Range,
SFDR Within a Window
fCLK = 100MSPS, fOUT = 20.2MHz, 30MHz Span (Notes 4, 8)
-
73
-
dBc
fCLK = 100MSPS, fOUT = 5.04MHz, 8MHz Span (Notes 4, 8)
-
92
-
dBc
fCLK = 50MSPS, fOUT = 5.02MHz, 8MHz Span (Notes 4, 8)
-
92
-
dBc
+3V Power Supply
Total Harmonic Distortion (THD) to
Nyquist
fCLK = 100MSPS, fOUT = 4.0MHz (Notes 4, 8)
-
-71
-
dBc
fCLK = 50MSPS, fOUT = 2.0MHz (Notes 4, 8)
-
-75
-
dBc
fCLK = 25MSPS, fOUT = 1.0MHz (Notes 4, 8)
-
-75
-
dBc
Electrical Specifications
AVDD = DVDD = +5V (except where otherwise noted), VREF = Internal 1.2V, IOUTFS = 20mA,
TA = 25
oC for All Typical Value (Continued)
PARAMETER
TEST CONDITIONS
TA = -40
oC TO 85oC
UNITS
MIN
TYP
MAX
HI5860


Similar Part No. - HI5860

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5860 INTERSIL-HI5860 Datasheet
477Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
HI5860 INTERSIL-HI5860 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
HI5860 RENESAS-HI5860 Datasheet
586Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5860 INTERSIL-HI5860 Datasheet
683Kb / 12P
   12-Bit, 130MSPS, High Speed D/A Converter
February 6, 2008
HI5860IA INTERSIL-HI5860IA Datasheet
621Kb / 10P
   12-Bit, 130MSPS, High Speed D/A Converter
More results

Similar Description - HI5860

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5861 INTERSIL-ISL5861 Datasheet
906Kb / 13P
   12-bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
HI5721 INTERSIL-HI5721_03 Datasheet
637Kb / 14P
   10-Bit, 125MSPS, High Speed D/A Converter
HI5960 INTERSIL-HI5960_05 Datasheet
297Kb / 12P
   14-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
HI5960 INTERSIL-HI5960 Datasheet
88Kb / 12P
   14-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
ISL5961 INTERSIL-ISL5961 Datasheet
899Kb / 13P
   14-Bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
logo
Maxim Integrated Produc...
MX578 MAXIM-MX578 Datasheet
230Kb / 6P
   High Speed 12 Bit A/D Converter
logo
Sony Corporation
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
logo
Intersil Corporation
KAD5612P_0909 INTERSIL-KAD5612P_0909 Datasheet
598Kb / 29P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
KAD5612P INTERSIL-KAD5612P Datasheet
450Kb / 27P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5612P ETC2-KAD5612P Datasheet
681Kb / 28P
   Dual 12-Bit, 250/210/170/125MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com