Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5828IN Datasheet(PDF) 3 Page - Intersil Corporation

Part # HI5828IN
Description  12-Bit, 125MSPS, CommLink??Dual High Speed CMOS D/A (2.7V-5.5V)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5828IN Datasheet(HTML) 3 Page - Intersil Corporation

  HI5828IN Datasheet HTML 1Page - Intersil Corporation HI5828IN Datasheet HTML 2Page - Intersil Corporation HI5828IN Datasheet HTML 3Page - Intersil Corporation HI5828IN Datasheet HTML 4Page - Intersil Corporation HI5828IN Datasheet HTML 5Page - Intersil Corporation HI5828IN Datasheet HTML 6Page - Intersil Corporation HI5828IN Datasheet HTML 7Page - Intersil Corporation HI5828IN Datasheet HTML 8Page - Intersil Corporation HI5828IN Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Typical Applications Circuit
NOTE: Separate analog and digital grounds should be used, in which case the grounds should be tied together at a single point near the device.
The analog and digital grounds should be connected together by a thin single trace and never connected together by an inductor.
(IOUTA)
50
+5V OR +3V POWER SOURCE
1
µF
50
50
1.91k
FERRITE
10
µH
BEAD
RSET
1
2
3
4
5
6
7
8
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
9
10
11
12
13 14 15 16
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
AVPP
ID5
ID4
ID3
ID2
ID1
ID0 (LSB)
QD6
QD7
QD8
QD9
QD10
QD11 (MSB)
SLEEP
DVDD
AGND
(QOUTA)
(QOUTB)
50
50
QCOMP1
AVPP
AGND
N.C.
DGND
N.C.
0.1
µF
0.1
µF
ICOMP1
AVPP
0.1
µF
0.1
µF
ICOMP2
AVPP
0.1
µF
AVPP
AVDD
AVDD
0.1
µF
DVPP
0.1
µF
QCOMP2
CLK
+
10
µF
1
µF
FERRITE
10
µH
BEAD
DVPP
+
10
µF
0.1
µF
0.1
µF
0.1
µF
C1
C2
C4
C7
C3
R1
C5
C6
R2
R3
R4
R5
C8
CONN1
CONN2
CONN3
CONN4
(IOUTB)
C9
C10
L1
C12
C13
C11
C14
L2
(DIGITAL POWER PLANE)
(ANALOG POWER PLANE)
QD4
QD5
HI5828


Similar Part No. - HI5828IN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5828IN INTERSIL-HI5828IN Datasheet
283Kb / 12P
   12-Bit, 125MSPS, CommLink??Dual High Speed CMOS D/A (2.7V-5.5V)
logo
Renesas Technology Corp
HI5828IN RENESAS-HI5828IN Datasheet
552Kb / 12P
   12-Bit, 130MSPS, Dual High Speed CMOS D/A (2.7V-5.5V)
More results

Similar Description - HI5828IN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5828 INTERSIL-HI5828_01 Datasheet
283Kb / 12P
   12-Bit, 125MSPS, CommLink??Dual High Speed CMOS D/A (2.7V-5.5V)
logo
Renesas Technology Corp
HI5828 RENESAS-HI5828 Datasheet
552Kb / 12P
   12-Bit, 130MSPS, Dual High Speed CMOS D/A (2.7V-5.5V)
logo
Analog Devices
AD97651 AD-AD97651 Datasheet
472Kb / 28P
   12-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
logo
Intersil Corporation
ISL5829 INTERSIL-ISL5829 Datasheet
761Kb / 13P
   Dual 12-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
HI5721 INTERSIL-HI5721 Datasheet
205Kb / 14P
   10-Bit, 125 MSPS, High Speed D/A Converter
June 1999
logo
Analog Devices
AD9762 AD-AD9762 Datasheet
414Kb / 23P
   12-Bit, 125 MSPS TxDAC D/A Converter
REV. B
logo
Intersil Corporation
ISL5827 INTERSIL-ISL5827 Datasheet
666Kb / 13P
   Dual 12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Analog Devices
AD10226 AD-AD10226_15 Datasheet
984Kb / 20P
   Dual-Channel, 12-Bit 125 MSPS
REV. 0
AD9752 AD-AD9752 Datasheet
364Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9752ARZRL AD-AD9752ARZRL Datasheet
361Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com