Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG275X Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SG275X
Description  Photointerrupters(Transmissive)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SG275X Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SG275X Datasheet HTML 1Page - KODENSHI_AUK CORP. SG275X Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PhotoInterrupter(Transimissive)
KODENSHI
DIMENSIONS
(Unit : mm)
The SG275□ photointerrupter high-performance
standard type,combines high-output GaAs IRED with
high sensitive phototransistor.
FEATURES
Connector type AMP(JAPAN),Ltd.
GAP : 5mm
Snap-in mount
3 kinds of mounting plate thicknesses
: 1.0mm, 1.2mm, 1.6mm
APPLICATIONS
Copiers
Printers
ATM
Ticket vending machines
MAXIMUM RATINGS
(Ta=25°C)
Symbol
Rating
Unit
Power dissipation
PD
100
mW
Forward current
IF
60
mA
Reverse voltage
VR
5V
Pulse forward current
*1
IFP
1A
Collector power dissipation
PC
100
mW
Collector current
IC
40
mA
Collector-Emitter voltage
VCEO
30
V
Emitter-Collector voltage
VECO
5V
Topr.
-20 ~ +75
°C
Tstg.
-30 ~ +85
°C
*1. Pulse width : tw≤100us. period T=10ms
*2. No icebound or dew
*3. The connector shall be inserted of pulled at normal temperature.
ELECTRO-OPTICAL CHARACTERISTICS
(Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit.
Forward voltage
VF
-
1.2
1.4
V
Reverse current
IR
-
-
10
µA
Peak wavelength
λp
-
940
-
nm
Output
Collector dark current
ICEO
-
1
100
nA
Light current
IC
0.6
-
10
mA
Leakage current
ICEOD
-
0.5
10
µA
C-E saturation voltage
VCE(sat)
-
0.15
0.4
V
tr
-
4
-
µs
tf
-
5
-
µs
SG275□
Input
Trans-
mission
Item
Item
Input
Output
Operating temp.
*2*3
Conditions
IF=20mA,VCE=5V (Non-Shading)
IF=20mA,VCE=5V (Shading)
IF=20mA,IC=0.1mA
Storage temp.
*2*3
IF=20mA
VR=5V
IF=20mA
VCE=10V,0 lx
VCC=5V,IC=2mA,RL=100Ω
Rise time
Fall time
- 1 -


Similar Part No. - SG275X

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG275 KODENSHI-SG275 Datasheet
154Kb / 2P
   Snap-in mount
More results

Similar Description - SG275X

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
LG-205 KODENSHI-LG-205 Datasheet
183Kb / 2P
   Photointerrupters(Transmissive)
LG-206 KODENSHI-LG-206 Datasheet
189Kb / 2P
   Photointerrupters(Transmissive)
SG-205 KODENSHI-SG-205 Datasheet
256Kb / 2P
   Photointerrupters(Transmissive)
SG-226 KODENSHI-SG-226 Datasheet
249Kb / 2P
   Photointerrupters(Transmissive)
SG-233 KODENSHI-SG-233 Datasheet
258Kb / 2P
   Photointerrupters(Transmissive)
SG-244 KODENSHI-SG-244 Datasheet
263Kb / 2P
   Photointerrupters(Transmissive)
SG-248 KODENSHI-SG-248 Datasheet
260Kb / 2P
   Photointerrupters(Transmissive)
SG-256 KODENSHI-SG-256 Datasheet
256Kb / 2P
   Photointerrupters(Transmissive)
SG-258S KODENSHI-SG-258S Datasheet
276Kb / 2P
   Photointerrupters(Transmissive)
SG402 KODENSHI-SG402 Datasheet
224Kb / 2P
   Photointerrupters(Transmissive)
SG211V KODENSHI-SG211V Datasheet
257Kb / 2P
   Photointerrupters(Transmissive)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com