Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5767EVAL1 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HI5767EVAL1
Description  10-Bit, 20/40/60 MSPS A/D Converter with Internal Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5767EVAL1 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HI5767EVAL1 Datasheet HTML 5Page - Intersil Corporation HI5767EVAL1 Datasheet HTML 6Page - Intersil Corporation HI5767EVAL1 Datasheet HTML 7Page - Intersil Corporation HI5767EVAL1 Datasheet HTML 8Page - Intersil Corporation HI5767EVAL1 Datasheet HTML 9Page - Intersil Corporation HI5767EVAL1 Datasheet HTML 10Page - Intersil Corporation HI5767EVAL1 Datasheet HTML 11Page - Intersil Corporation HI5767EVAL1 Datasheet HTML 12Page - Intersil Corporation HI5767EVAL1 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
in a gain-of-two configuration. An external, user-supplied,
0.1
µF capacitor connected from the VREFOUT output pin to
analog ground is used to set the dominant pole and to
maintain the stability of the operational amplifier.
Reference Voltage Input, VREFIN
The HI5767 is designed to accept a +2.5V reference voltage
source at the VREFIN input pin. Typical operation of the
converter requires VREFIN to be set at +2.5V. The HI5767 is
tested with VREFIN connected to VREFOUT yielding a fully
differential analog input voltage range of
±0.5V.
The user does have the option of supplying an external
+2.5V reference voltage. As a result of the high input
impedance presented at the VREFIN input pin, 2.5kΩ
typically, the external reference voltage being used is only
required to source 1mA of reference input current. In the
situation where an external reference voltage will be used
an external 0.1
µF capacitor must be connected from the
VREFOUT output pin to analog ground in order to maintain
the stability of the internal operational amplifier.
In order to minimize overall converter noise it is
recommended that adequate high frequency decoupling be
provided at the reference voltage input pin, VREFIN.
Analog Input, Differential Connection
The analog input to the HI5767 is a differential input that can
be configured in various ways depending on the signal
source and the required level of performance. A fully
differential connection (Figure 17 and Figure 18) will deliver
the best performance from the converter.
Since the HI5767 is powered by a single +5V analog supply,
the analog input is limited to be between ground and +5V.
For the differential input connection this implies the analog
input common mode voltage can range from 0.25V to 4.75V.
The performance of the ADC does not change significantly
with the value of the analog input common mode voltage.
A DC voltage source, VDC, equal to 3.2V (typical), is made
available to the user to help simplify circuit design when using
an AC coupled differential input. This low output impedance
voltage source is not designed to be a reference but makes an
excellent DC bias source and stays well within the analog
input common mode voltage range over temperature.
For the AC coupled differential input (Figure 17) and with
VREFIN connected to VREFOUT, full scale is achieved when
the VIN and -VIN input signals are 0.5VP-P, with -VIN being
180 degrees out of phase with VIN. The converter will be at
positive full scale when the VIN+ input is at VDC + 0.25V and
the VIN- input is at VDC - 0.25V (VIN+-VIN- = +0.5V).
Conversely, the converter will be at negative full scale when
the VIN+ input is equal to VDC - 0.25V and VIN- is at
VDC + 0.25V (VIN+-VIN- = -0.5V).
The analog input can be DC coupled (Figure 18) as long as
the inputs are within the analog input common mode voltage
range (0.25V
≤ VDC ≤ 4.75V).
The resistors, R, in Figure 18 are not absolutely necessary
but may be used as load setting resistors. A capacitor, C,
connected from VIN+ to VIN- will help filter any high
frequency noise on the inputs, also improving performance.
Values around 20pF are sufficient and can be used on AC
coupled inputs as well. Note, however, that the value of
capacitor C chosen must take into account the highest
frequency component of the analog input signal.
Analog Input, Single-Ended Connection
The configuration shown in Figure 19 may be used with a
single ended AC coupled input.
Again, with VREFIN connected to VREFOUT, if VIN is a 1VP-P
sinewave, then VIN+ is a 1.0VP-P sinewave riding on a positive
voltage equal to VDC. The converter will be at positive full scale
when VIN+ is at VDC + 0.5V (VIN+-VIN- = +0.5V) and will be at
negative full scale when VIN+ is equal to VDC - 0.5V (VIN+-VIN-
= -0.5V). Sufficient headroom must be provided such that the
input voltage never goes above +5V or below AGND. In this case,
VDC could range between 0.5V and 4.5V without a significant
change in ADC performance. The simplest way to produce VDC
is to use the DC bias source, VDC, output of the HI5767.
The single ended analog input can be DC coupled
(Figure 20) as long as the input is within the analog input
common mode voltage range.
VIN+
VDC
VIN-
HI5767
VIN
-VIN
R
R
FIGURE 16. AC COUPLED DIFFERENTIAL INPUT
VIN+
VDC
VIN-
HI5767
VIN
-VIN
R
R
C
VDC
VDC
FIGURE 17. DC COUPLED DIFFERENTIAL INPUT
VIN+
VIN-
HI5767
VIN
VDC
R
FIGURE 18. AC COUPLED SINGLE ENDED INPUT
HI5767


Similar Part No. - HI5767EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5767EVAL1 INTERSIL-HI5767EVAL1 Datasheet
841Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5767EVAL1 RENESAS-HI5767EVAL1 Datasheet
719Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
More results

Similar Description - HI5767EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5767 INTERSIL-HI5767_05 Datasheet
841Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5767 RENESAS-HI5767 Datasheet
719Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
logo
Analog Devices
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Intersil Corporation
ISL5740 INTERSIL-ISL5740 Datasheet
97Kb / 12P
   3V Dual 10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
logo
Hittite Microwave Corpo...
HMCAD1040-40 HITTITE-HMCAD1040-40 Datasheet
915Kb / 14P
   Dual 10-Bit 20/40 MSPS A/D Converter
HMCAD1041-40 HITTITE-HMCAD1041-40 Datasheet
695Kb / 12P
   Single 10-Bit 20/40 MSPS A/D Converter
logo
Intersil Corporation
ISL5640 INTERSIL-ISL5640 Datasheet
92Kb / 11P
   3V Dual 8-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
HI3300 INTERSIL-HI3300 Datasheet
174Kb / 16P
   3V 10-Bit, 20MSPS A/D Converter with Internal Voltage Reference
March 2000
HI5762 INTERSIL-HI5762_10 Datasheet
291Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com