Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5812 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HI5812
Description  CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5812 Datasheet(HTML) 4 Page - Intersil Corporation

  HI5812 Datasheet HTML 1Page - Intersil Corporation HI5812 Datasheet HTML 2Page - Intersil Corporation HI5812 Datasheet HTML 3Page - Intersil Corporation HI5812 Datasheet HTML 4Page - Intersil Corporation HI5812 Datasheet HTML 5Page - Intersil Corporation HI5812 Datasheet HTML 6Page - Intersil Corporation HI5812 Datasheet HTML 7Page - Intersil Corporation HI5812 Datasheet HTML 8Page - Intersil Corporation HI5812 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
6-1792
ANALOG INPUT
Input Current, Dynamic
At VIN = VREF+, 0V
-
±50
±100
-
±100
µA
Input Current, Static
Conversion Stopped
-
±0.4
±10
-
±10
µA
Input Bandwidth -3dB
-
1
-
-
-
MHz
Reference Input Current
-
160
-
-
-
µA
Input Series Resistance, RS
In Series with Input CSAMPLE
-
420
-
-
-
Input Capacitance, CSAMPLE
During Sample State
-
380
-
-
-
pF
Input Capacitance, CHOLD
During Hold State
-
20
-
-
-
pF
DIGITAL INPUTS OEL, OEM, STRT
High-Level Input Voltage, VIH
2.4
-
-
2.4
-
V
Low-Level Input Voltage, VIL
-
-
0.8
-
0.8
V
Input Leakage Current, IIL
Except CLK, VIN = 0V, 5V
-
-
±10
-
±10
µA
Input Capacitance, CIN
-10-
-
-
pF
DIGITAL OUTPUTS
High-Level Output Voltage, VOH
ISOURCE = -400µA
4.6
-
-
4.6
-
V
Low-Level Output Voltage, VOL
ISINK = 1.6mA
-
-
0.4
-
0.4
V
Three-State Leakage, IOZ
Except DRDY, VOUT = 0V, 5V
-
-
±10
-
±10
µA
Output Capacitance, COUT
Except DRDY
-
20
-
-
-
pF
CLOCK
High-Level Output Voltage, VOH
ISOURCE = -100µA (Note 2)
4
-
-
4
-
V
Low-Level Output Voltage, VOL
ISINK = 100µA (Note 2)
-
-
1
-
1
V
Input Current
CLK Only, VIN = 0V, 5V
-
-
±5-
±5mA
TIMING
Conversion Time (tCONV + tACQ)
(Includes Acquisition Time)
20
-
-
20
-
µs
Clock Frequency
Internal Clock, (CLK = Open)
200
300
400
150
500
kHz
External CLK (Note 2)
0.05
2
1.5
0.05
1.5
MHz
Clock Pulse Width, tLOW, tHIGH
External CLK (Note 2)
100
-
-
100
-
ns
Aperture Delay, tDAPR
(Note 2)
-
35
50
-
70
ns
Clock to Data Ready Delay, tD1DRDY
(Note 2)
-
105
150
-
180
ns
Clock to Data Ready Delay, tD2DRDY
(Note 2)
-
100
160
-
195
ns
Start Removal Time, tRSTRT
(Note 2)
75
30
-
75
-
ns
Start Setup Time, tSUSTRT
(Note 2)
85
60
-
100
-
ns
Start Pulse Width, tWSTRT
(Note 2)
10
4
-
15
-
ns
Start to Data Ready Delay, tD3 DRDY
(Note 2)
-
65
105
-
120
ns
Clock Delay from Start, tDSTRT
(Note 2)
-
60
-
-
-
ns
Output Enable Delay, tEN
(Note 2)
-
20
30
-
50
ns
Output Disabled Delay, tDIS
(Note 2)
-
80
95
-
120
ns
POWER SUPPLY CHARACTERISTICS
Supply Current, IDD + IAA
-
1.9
5
-
8
mA
NOTE:
2. Parameter guaranteed by design or characterization, not production tested.
Electrical Specifications
VDD = VAA+ = 5V, VREF+ = +4.608V, VSS = VAA- = VREF- = GND, CLK = External 750kHz,
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
25oC
-40oC TO 85oC
UNITS
MIN
TYP
MAX
MIN
MAX
HI5812


Similar Part No. - HI5812

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5812 INTERSIL-HI5812 Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812 RENESAS-HI5812 Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5812JIB INTERSIL-HI5812JIB Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812JIB RENESAS-HI5812JIB Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5812JIBZ INTERSIL-HI5812JIBZ Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
More results

Similar Description - HI5812

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5812 INTERSIL-HI5812_05 Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812 RENESAS-HI5812 Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5810 INTERSIL-HI5810_01 Datasheet
762Kb / 13P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813 INTERSIL-HI5813 Datasheet
153Kb / 11P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813 INTERSIL-HI5813_01 Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
   CMOS 12-Bit A/D Converters With Track-and-Hold
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
logo
Maxim Integrated Produc...
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com