Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5805 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HI5805
Description  12-Bit, 5MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5805 Datasheet(HTML) 5 Page - Intersil Corporation

  HI5805 Datasheet HTML 1Page - Intersil Corporation HI5805 Datasheet HTML 2Page - Intersil Corporation HI5805 Datasheet HTML 3Page - Intersil Corporation HI5805 Datasheet HTML 4Page - Intersil Corporation HI5805 Datasheet HTML 5Page - Intersil Corporation HI5805 Datasheet HTML 6Page - Intersil Corporation HI5805 Datasheet HTML 7Page - Intersil Corporation HI5805 Datasheet HTML 8Page - Intersil Corporation HI5805 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
120
Timing Waveforms
NOTES:
4. SN: N-th sampling period.
5. HN: N-th holding period.
6. BM, N: M-th stage digital output corresponding to N-th sampled input.
7. DN: Final data output corresponding to N-th sampled input.
FIGURE 1. INTERNAL CIRCUIT TIMING
FIGURE 2. INPUT-TO-OUTPUT TIMING
ANALOG
INPUT
CLOCK
INPUT
INPUT
S/H
1ST
STAGE
2ND
STAGE
3RD
STAGE
4TH
STAGE
DATA
OUTPUT
SN-1
HN - 1
SN
HN
SN + 1 HN + 1 SN + 2 HN + 2 SN + 3 HN + 3
SN+4
HN + 4 SN + 5 HN + 5 SN + 6 HN + 6
B1, N + 5
B1, N + 4
B1, N + 3
B1, N + 2
B1, N + 1
B1, N
B1, N - 1
B2, N - 2
B3, N - 2
B4, N - 3
DN - 3
B2, N - 1
B3, N - 1
B4, N - 2
DN - 2
tLAT
DN - 1
B4, N - 1
B2, N
B3, N
B2, N + 1
B3, N + 1
B4, N
DN
DN + 1
B4, N + 1
B2, N + 2
B2, N + 3
B3, N + 2
B4, N + 2
DN + 2
B3, N + 3
B2, N + 4
B3, N + 4
B4, N + 3
DN + 3
tOD
tH
DATA N - 1
DATA N
CLOCK
INPUT
DATA
OUTPUT
0.8V
2.0V
1.5V
tAP
ANALOG
INPUT
tAJ
1.5V
HI5805


Similar Part No. - HI5805

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5805 INTERSIL-HI5805 Datasheet
613Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Renesas Technology Corp
HI5805 RENESAS-HI5805 Datasheet
581Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Intersil Corporation
HI5805BIB INTERSIL-HI5805BIB Datasheet
613Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Renesas Technology Corp
HI5805BIB RENESAS-HI5805BIB Datasheet
581Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Intersil Corporation
HI5805BIBZ INTERSIL-HI5805BIBZ Datasheet
613Kb / 12P
   12-Bit, 5MSPS A/D Converter
More results

Similar Description - HI5805

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5805 RENESAS-HI5805 Datasheet
581Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Intersil Corporation
HI5805 INTERSIL-HI5805_05 Datasheet
613Kb / 12P
   12-Bit, 5MSPS A/D Converter
logo
Renesas Technology Corp
HI5905 RENESAS-HI5905 Datasheet
598Kb / 11P
   14-Bit, 5MSPS A/D Converter
March 2003
logo
Intersil Corporation
HI5905 INTERSIL-HI5905_03 Datasheet
581Kb / 11P
   14-Bit, 5MSPS A/D Converter
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_15 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit A/D Converter
logo
Maxwell Technologies
7672 MAXWELL-7672 Datasheet
247Kb / 11P
   12-Bit A/D Converter
logo
Analog Devices
AD574A AD-AD574A_17 Datasheet
821Kb / 13P
   12-Bit A/D Converter
logo
Texas Instruments
ADC78H90 TI1-ADC78H90 Datasheet
1Mb / 23P
[Old version datasheet]   12-Bit A/D Converter
ADC124S101 TI1-ADC124S101 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit A/D Converter
logo
Analog Devices
AD1671 AD-AD1671_17 Datasheet
201Kb / 7P
   12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com