Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5800 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HI5800
Description  12-Bit, 3MSPS, Sampling A/D Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5800 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HI5800 Datasheet HTML 5Page - Intersil Corporation HI5800 Datasheet HTML 6Page - Intersil Corporation HI5800 Datasheet HTML 7Page - Intersil Corporation HI5800 Datasheet HTML 8Page - Intersil Corporation HI5800 Datasheet HTML 9Page - Intersil Corporation HI5800 Datasheet HTML 10Page - Intersil Corporation HI5800 Datasheet HTML 11Page - Intersil Corporation HI5800 Datasheet HTML 12Page - Intersil Corporation HI5800 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
10
AVEE
Analog Negative Power Supply, -5V.
11
AVCC
Analog Positive Power Supply, +5V.
12
AGND
Analog Ground.
13
AVEE
Analog Negative Power Supply, -5V.
14
A0
Output Byte Control Input, active low. When low, data is presented as a 12-bit word or the upper byte (D11 - D4) in 8-bit
mode. When high, the second byte contains the lower LSBs (D3 - D0) with 4 trailing zeroes. See Text.
15
CS
Chip Select Input, active low. Dominates all control inputs.
-
NC
No Connection.
16
OE
Output Enable Input, active low.
17
CONV
Convert Start Input. Initiates conversion on the falling edge. If held low, continuous conversion mode overrides and
remains in effect until the input goes high.
18
DVEE
Digital Negative Power Supply, -5V.
19
DGND
Digital Ground.
20
DVCC
Digital Positive Power Supply, +5V.
21
AVCC
Analog Positive Power Supply, +5V.
22
D0
Data Bit 0, (LSB).
23
D1
Data Bit 1.
24
D2
Data Bit 2.
25
D3
Data Bit 3.
-
NC
No Connection
26
D4
Data Bit 4.
27
D5
Data Bit 5.
28
D6
Data Bit 6.
29
D7
Data Bit 7.
30
AVEE
Analog Negative Power Supply, -5V.
31
AGND
Analog Ground.
32
DGND
Digital Ground.
33
DVCC
Digital Positive Power Supply, +5V.
34
D8
Data Bit 8.
35
D9
Data Bit 9.
-
NC
No Connection.
36
D10
Data Bit 10.
37
D11
Data Bit 11 (MSB).
38
AVCC
Analog Positive Power Supply, +5V.
39
OVF
Overflow Output. Active high when either an overrange or underrange analog input condition is detected.
40
IRQ
Interrupt ReQuest Output. Goes low when a conversion is complete.
Pin Descriptions (Continued)
PIN #
SYMBOL
PIN DESCRIPTION
HI5800


Similar Part No. - HI5800

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5800 INTERSIL-HI5800 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
HI5800-EV INTERSIL-HI5800-EV Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
HI5800BID INTERSIL-HI5800BID Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
HI5800JCD INTERSIL-HI5800JCD Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
HI5800KCD INTERSIL-HI5800KCD Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
More results

Similar Description - HI5800

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1412 LINER-LTC1412 Datasheet
499Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Linear Technology
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
logo
Linear Technology
LTC1407 LINER-LTC1407 Datasheet
443Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
LTC1272 LINER-LTC1272 Datasheet
340Kb / 20P
   12-Bit, 3us, 250kHz Sampling A/D Converter
logo
Cadeka Microcircuits LL...
SPT7936 CADEKA-SPT7936 Datasheet
162Kb / 8P
   12-BIT, 28 MSPS SAMPLING A/D CONVERTER
logo
National Semiconductor ...
ADC1242 NSC-ADC1242 Datasheet
254Kb / 14P
   12-Bit Plus Sign Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com