Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5760BIB Datasheet(PDF) 6 Page - Intersil Corporation

Part # HI5760BIB
Description  10-Bit, 125/60MSPS, High Speed D/A Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5760BIB Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HI5760BIB Datasheet HTML 2Page - Intersil Corporation HI5760BIB Datasheet HTML 3Page - Intersil Corporation HI5760BIB Datasheet HTML 4Page - Intersil Corporation HI5760BIB Datasheet HTML 5Page - Intersil Corporation HI5760BIB Datasheet HTML 6Page - Intersil Corporation HI5760BIB Datasheet HTML 7Page - Intersil Corporation HI5760BIB Datasheet HTML 8Page - Intersil Corporation HI5760BIB Datasheet HTML 9Page - Intersil Corporation HI5760BIB Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Typical Performance Curves, 5V Power Supply
FIGURE 1. SFDR vs fOUT, CLOCK = 5MSPS
FIGURE 2. SFDR vs fOUT, CLOCK = 25MSPS
FIGURE 3. SFDR vs fOUT, CLOCK = 50MSPS
FIGURE 4. SFDR vs fOUT, CLOCK =100MSPS
FIGURE 5. SFDR vs fOUT, CLOCK = 125MSPS
FIGURE 6. SFDR vs AMPLITUDE, fCLK/fOUT = 10
80
75
70
65
60
55
50
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
OUTPUT FREQUENCY (MHz)
-12dBFS
0dBFS
-6dBFS
76
74
72
70
68
66
64
60
1
2
3456
7
8
9
10
OUTPUT FREQUENCY (MHz)
62
-12dBFS
-6dBFS
0dBFS
80
75
70
65
60
55
0
2
4
6
8
10
1214
1618
20
OUTPUT FREQUENCY (MHz)
-12dBFS
0dBFS
-6dBFS
75
70
65
60
55
50
45
0
5
10
15
20
25
30
35
40
45
OUTPUT FREQUENCY (MHz)
-12dBFS
-6dBFS
0dBFS
75
70
65
60
55
50
45
0
5
10
15
20
25
30
35
40
45
50
OUTPUT FREQUENCY (MHz)
-12dBFS
6dBFS
0dBFS
80
75
70
65
60
55
50
45
-25
-20
-15
-10
-5
0
AMPLITUDE (dBFS)
125MSPS
100MSPS
50MSPS
25MSPS
HI5760


Similar Part No. - HI5760BIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5760BIB INTERSIL-HI5760BIB Datasheet
516Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
HI5760BIB INTERSIL-HI5760BIB Datasheet
521Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
March 30, 2005
logo
Renesas Technology Corp
HI5760BIB RENESAS-HI5760BIB Datasheet
895Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5760BIBZ INTERSIL-HI5760BIBZ Datasheet
516Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
HI5760BIBZ INTERSIL-HI5760BIBZ Datasheet
521Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
March 30, 2005
More results

Similar Description - HI5760BIB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5760 RENESAS-HI5760 Datasheet
895Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5760BIB INTERSIL-HI5760BIB Datasheet
521Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
March 30, 2005
HI5760 INTERSIL-HI5760_05 Datasheet
516Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
HI5728 INTERSIL-HI5728 Datasheet
207Kb / 17P
   10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
July 1999
logo
Renesas Technology Corp
HI5728 RENESAS-HI5728 Datasheet
952Kb / 19P
   10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
logo
Intersil Corporation
HI5728INZ-T INTERSIL-HI5728INZ-T Datasheet
458Kb / 19P
   10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
HI5660 INTERSIL-HI5660_04 Datasheet
539Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5660 RENESAS-HI5660 Datasheet
444Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5660 INTERSIL-HI5660 Datasheet
83Kb / 11P
   8-Bit, 165/125/60MSPS, High Speed D/A Converter
November 1999
HI5660IB INTERSIL-HI5660IB Datasheet
546Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converte
July 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com