Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5760 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HI5760
Description  10-Bit, 125/60MSPS, High Speed D/A Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5760 Datasheet(HTML) 4 Page - Intersil Corporation

  HI5760 Datasheet HTML 1Page - Intersil Corporation HI5760 Datasheet HTML 2Page - Intersil Corporation HI5760 Datasheet HTML 3Page - Intersil Corporation HI5760 Datasheet HTML 4Page - Intersil Corporation HI5760 Datasheet HTML 5Page - Intersil Corporation HI5760 Datasheet HTML 6Page - Intersil Corporation HI5760 Datasheet HTML 7Page - Intersil Corporation HI5760 Datasheet HTML 8Page - Intersil Corporation HI5760 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
AC CHARACTERISTICS - HI5760BIB, HI5760IA - 125MHz
Spurious Free Dynamic Range,
SFDR Within a Window
fCLK = 125MSPS, fOUT = 32.9MHz, 10MHz Span (Notes 4, 7)
-
75
-
dBc
fCLK = 100MSPS, fOUT = 5.04MHz, 4MHz Span (Notes 4, 7)
-
76
-
dBc
fCLK = 60MSPS, fOUT = 10.1MHz, 10MHz Span (Notes 4, 7)
-
75
-
dBc
fCLK = 50MSPS, fOUT = 5.02MHz, 2MHz Span (Notes 4, 7)
-
76
-
dBc
fCLK = 50MSPS, fOUT = 1.00MHz, 2MHz Span (Notes 4, 7)
-
78
-
dBc
Total Harmonic Distortion (THD) to
Nyquist
fCLK = 100MSPS, fOUT = 2.00MHz (Notes 4, 7)
-
71
-
dBc
fCLK = 50MSPS, fOUT = 2.00MHz (Notes 4, 7)
-
71
-
dBc
fCLK = 50MSPS, fOUT = 1.00MHz (Notes 4, 7)
-
76
-
dBc
Spurious Free Dynamic Range,
SFDR to Nyquist
fCLK = 125MSPS, fOUT = 32.9MHz, 62.5MHz Span (Notes 4, 7)
-
54
-
dBc
fCLK = 125MSPS, fOUT = 10.1MHz, 62.5MHz Span (Notes 4, 7)
-
64
-
dBc
fCLK = 100MSPS, fOUT = 40.4MHz, 50MHz Span (Notes 4, 7)
-
52
-
dBc
fCLK = 100MSPS, fOUT = 20.2MHz, 50MHz Span (Notes 4, 7)
-
60
-
dBc
fCLK = 100MSPS, fOUT = 5.04MHz, 50MHz Span (Notes 4, 7)
-
68
-
dBc
fCLK = 100MSPS, fOUT = 2.51MHz, 50MHz Span (Notes 4, 7)
-
74
-
dBc
fCLK = 60MSPS, fOUT = 10.1MHz, 30MHz Span (Notes 4, 7)
-
63
-
dBc
fCLK = 50MSPS, fOUT = 20.2MHz, 25MHz Span (Notes 4, 7)
-
55
-
dBc
fCLK = 50MSPS, fOUT = 5.02MHz, 25MHz Span (Notes 4, 7)
-
68
-
dBc
fCLK = 50MSPS, fOUT = 2.51MHz, 25MHz Span (Notes 4, 7)
-
73
-
dBc
fCLK = 50MSPS, fOUT = 1.00MHz, 25MHz Span (Notes 4, 7)
-
73
-
dBc
AC CHARACTERISTICS - HI5760/6IB, HI5760/6IA - 60MHz
Spurious Free Dynamic Range,
SFDR Within a Window
fCLK = 60MSPS, fOUT = 10.1MHz, 10MHz Span (Notes 4, 7)
-
75
-
dBc
fCLK = 50MSPS, fOUT = 5.02MHz, 2MHz Span (Notes 4, 7)
-
76
-
dBc
fCLK = 50MSPS, fOUT = 1.00MHz, 2MHz Span (Notes 4, 7)
-
78
-
dBc
Total Harmonic Distortion (THD) to
Nyquist
fCLK = 50MSPS, fOUT = 2.00MHz (Notes 4, 7)
-
71
-
dBc
fCLK = 50MSPS, fOUT = 1.00MHz (Notes 4, 7)
-
76
-
dBc
Spurious Free Dynamic Range,
SFDR to Nyquist
fCLK = 60MSPS, fOUT = 20.2MHz, 30MHz Span (Notes 4, 7)
-
56
-
dBc
fCLK = 60MSPS, fOUT = 10.1MHz, 30MHz Span (Notes 4, 7)
-
63
-
dBc
fCLK = 50MSPS, fOUT = 20.2MHz, 25MHz Span (Notes 4, 7)
-
55
-
dBc
fCLK = 50MSPS, fOUT = 5.02MHz, 25MHz Span (Notes 4, 7)
-
68
-
dBc
fCLK = 50MSPS, fOUT = 2.51MHz, 25MHz Span (Notes 4, 7)
-
73
-
dBc
fCLK = 50MSPS, fOUT = 1.00MHz, 25MHz Span (Notes 4, 7)
-
73
-
dBc
fCLK = 25MSPS, fOUT = 5.02MHz, 25MHz Span (Notes 4, 7)
-
71
-
dBc
VOLTAGE REFERENCE
Internal Reference Voltage, VFSADJ
Pin 18 Voltage with Internal Reference
1.04
1.16
1.28
V
Internal Reference Voltage Drift
-
±60
-
ppm
/oC
Internal Reference Output Current
Sink/Source Capability
-
0.1
-
µA
Reference Input Impedance
-1-
M
Reference Input Multiplying Bandwidth (Note 7)
-
1.4
-
MHz
Electrical Specifications
AVDD = DVDD = +5V, VREF = Internal 1.2V, IOUTFS = 20mA, TA = 25
oC for All Typical Values (Continued)
PARAMETER
TEST CONDITIONS
HI5760
TA = -40
oC TO 85oC
UNITS
MIN
TYP
MAX
HI5760


Similar Part No. - HI5760

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5760 INTERSIL-HI5760 Datasheet
516Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
HI5760 INTERSIL-HI5760 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
HI5760 RENESAS-HI5760 Datasheet
895Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5760 INTERSIL-HI5760 Datasheet
521Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
March 30, 2005
HI5760/6IB INTERSIL-HI5760/6IB Datasheet
516Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
More results

Similar Description - HI5760

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5760 RENESAS-HI5760 Datasheet
895Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5760BIB INTERSIL-HI5760BIB Datasheet
521Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
March 30, 2005
HI5760 INTERSIL-HI5760_05 Datasheet
516Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
HI5728 INTERSIL-HI5728 Datasheet
207Kb / 17P
   10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
July 1999
logo
Renesas Technology Corp
HI5728 RENESAS-HI5728 Datasheet
952Kb / 19P
   10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
logo
Intersil Corporation
HI5728INZ-T INTERSIL-HI5728INZ-T Datasheet
458Kb / 19P
   10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
HI5660 INTERSIL-HI5660_04 Datasheet
539Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5660 RENESAS-HI5660 Datasheet
444Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5660 INTERSIL-HI5660 Datasheet
83Kb / 11P
   8-Bit, 165/125/60MSPS, High Speed D/A Converter
November 1999
HI5660IB INTERSIL-HI5660IB Datasheet
546Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converte
July 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com