Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5741BIP Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI5741BIP
Description  14-Bit, 100 MSPS, High Speed D/A Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5741BIP Datasheet(HTML) 1 Page - Intersil Corporation

  HI5741BIP Datasheet HTML 1Page - Intersil Corporation HI5741BIP Datasheet HTML 2Page - Intersil Corporation HI5741BIP Datasheet HTML 3Page - Intersil Corporation HI5741BIP Datasheet HTML 4Page - Intersil Corporation HI5741BIP Datasheet HTML 5Page - Intersil Corporation HI5741BIP Datasheet HTML 6Page - Intersil Corporation HI5741BIP Datasheet HTML 7Page - Intersil Corporation HI5741BIP Datasheet HTML 8Page - Intersil Corporation HI5741BIP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
3-1
TM
HI5741
14-Bit, 100 MSPS, High Speed D/A
Converter
The HI5741 is a 14-bit, 100 MSPS, D/A converter which is
implemented in the Intersil BiCMOS 10V (HBC-10) process.
Operating from +5V and -5.2V, the converter provides
20.48mA of full scale output current and includes an input
data register and bandgap voltage reference. Low glitch
energy and excellent frequency domain performance are
achieved using a segmented architecture. The digital inputs
are TTL/CMOS compatible and translated internally to ECL.
All internal logic is implemented in ECL to achieve high
switching speed with low noise. The addition of laser
trimming assures 14-bit linearity is maintained along the
entire transfer curve.
Features
• Throughput Rate . . . . . . . . . . . . . . . . . . . . . . . 100 MSPS
• Low Power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .650mW
• Integral Linearity Error . . . . . . . . . . . . . . . . . . . . . . . 1 LSB
• Low Glitch Energy . . . . . . . . . . . . . . . . . . . . . . . . . . 1pV-s
• TTL/CMOS Compatible Inputs
• Improved Hold Time . . . . . . . . . . . . . . . . . . . . . . . . 0.25ns
• Excellent Spurious Free Dynamic Range
Applications
• Cellular Base Stations
• Wireless Communications
• Direct Digital Frequency Synthesis
• Signal Reconstruction
• Test Equipment
• High Resolution Imaging Systems
• Arbitrary Waveform Generators
Pinout
HI5741
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HI5741BIP
-40 to 85
28 Ld PDIP
E28.6
HI5741BIB
-40 to 85
28 Ld SOIC
M28.3
HI5741-EVS
25
Evaluation Board (SOIC)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
D13 (MSB)
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DGND
REF OUT
CTRL AMP OUT
CTRL AMP IN
RSET
IOUT
ARTN
DVEE
DGND
DVCC
CLOCK
AGND
AVEE
IOUT
Data Sheet
May 2000
File Number
4071.7
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Intersil and Design is a trademark of Intersil Corporation. | Copyright © Intersil Corporation 2000


Similar Part No. - HI5741BIP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5741BIB INTERSIL-HI5741BIB Datasheet
353Kb / 13P
   14-Bit, 100MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5741BIB RENESAS-HI5741BIB Datasheet
771Kb / 13P
   14-Bit, 100MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5741BIB-T INTERSIL-HI5741BIB-T Datasheet
353Kb / 13P
   14-Bit, 100MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5741BIB-T RENESAS-HI5741BIB-T Datasheet
771Kb / 13P
   14-Bit, 100MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5741BIBZ INTERSIL-HI5741BIBZ Datasheet
353Kb / 13P
   14-Bit, 100MSPS, High Speed D/A Converter
More results

Similar Description - HI5741BIP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5731 INTERSIL-HI5731 Datasheet
370Kb / 15P
   12-Bit, 100 MSPS, High Speed D/A Converter
May 2000
HI5960 INTERSIL-HI5960 Datasheet
88Kb / 12P
   14-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
ISL5957 INTERSIL-ISL5957 Datasheet
630Kb / 13P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Analog Devices
AD9755 AD-AD9755 Datasheet
532Kb / 28P
   14-Bit, 300 MSPS High Speed TxDAC D/A Converter
REV. B
logo
Renesas Technology Corp
ISL5957 RENESAS-ISL5957 Datasheet
963Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5957IBZ INTERSIL-ISL5957IBZ Datasheet
658Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
September 29, 2015
HI5960 INTERSIL-HI5960_05 Datasheet
297Kb / 12P
   14-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
logo
Renesas Technology Corp
ISL5961 RENESAS-ISL5961 Datasheet
966Kb / 14P
   14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5961IBZ INTERSIL-ISL5961IBZ Datasheet
664Kb / 14P
   14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
October 7, 2015
ISL5961 INTERSIL-ISL5961_04 Datasheet
682Kb / 13P
   14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com