Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5714EVAL Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI5714EVAL
Description  8-Bit, 40/60/75/80 MSPS A/D Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5714EVAL Datasheet(HTML) 1 Page - Intersil Corporation

  HI5714EVAL Datasheet HTML 1Page - Intersil Corporation HI5714EVAL Datasheet HTML 2Page - Intersil Corporation HI5714EVAL Datasheet HTML 3Page - Intersil Corporation HI5714EVAL Datasheet HTML 4Page - Intersil Corporation HI5714EVAL Datasheet HTML 5Page - Intersil Corporation HI5714EVAL Datasheet HTML 6Page - Intersil Corporation HI5714EVAL Datasheet HTML 7Page - Intersil Corporation HI5714EVAL Datasheet HTML 8Page - Intersil Corporation HI5714EVAL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
January 1998
HI5714
8-Bit, 40/60/75/80 MSPS A/D Converter
Features
• Sampling Rate . . . . . . . . . . . . . . . . . . 40/60/75/80 MSPS
• Low Power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .325mW
• 7.65 ENOB at 4.43MHz
• Overflow/Underflow Three-State TTL Output
• Operates with Low Level AC Clock
• Very Low Analog Input Capacitance
• No Buffer Amplifier Required
• No Sample and Hold Required
• TTL Compatible I/O
• Pin-Compatible to Philips TDA8714
Applications
• Video Digitizing
• QAM Demodulator
• Digital Cable Setup Box
• Tape Drive/Mass Storage
• Medical Ultrasound Imaging
• Communication Systems
Description
The HI5714 is a high precision, monolithic, 8-bit, Analog-to-
Digital Converter fabricated in Intersil’ advanced HBC10
BiCMOS process.
The HI5714 is optimized for a wide range of applications such as
ultrasound imaging, mass storage, instrumentation, and video
digitizing, where accuracy and low power consumption are
essential. The HI5714 is offered in 40 MSPS, 60 MSPS, and 75
MSPS sample rates.
The HI5714 delivers
±0.4 LSB differential nonlinearity while
consuming only 325mW power (Typical) at 75 MSPS. The
digital inputs and outputs are TTL compatible, as well as
allowing for a low-level sine wave clock input.
Pinout
HI5714
(SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP.
RANGE
(oC)
PACKAGE
SAMPLING
FREQUENCY
(MHz)
PKG.
NO.
HI5714/4CB
0 to 70
24 Ld SOIC
40
M24.3
HI5714/6CB
0 to 70
24 Ld SOIC
60
M24.3
HI5714/7CB
0 to 70
24 Ld SOIC
75
M24.3
HI5714/8CB
0 to 70
24 Ld SOIC
80
M24.3
HI5714EVAL
25
Evaluation Board
1
2
3
4
5
6
7
8
9
10
11
12
D1
D0
NC
VRB
NC
AGND
VCCA
VIN
VRT
NC
O/UF
D7
16
17
18
19
20
21
22
23
24
15
14
13
D2
OE
VCCO2
OGND
VCCO1
DGND
D4
D5
D6
D3
VCCD
CLK
File Number
3973.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Similar Part No. - HI5714EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5714EVAL INTERSIL-HI5714EVAL Datasheet
597Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
logo
Renesas Technology Corp
HI5714EVAL RENESAS-HI5714EVAL Datasheet
617Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
More results

Similar Description - HI5714EVAL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5714 RENESAS-HI5714 Datasheet
617Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
logo
Intersil Corporation
HI5714 INTERSIL-HI5714_04 Datasheet
597Kb / 14P
   8-Bit, 40/60/75/80 MSPS A/D Converter
logo
Analog Devices
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9288 AD-AD9288_15 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288BSTZ-40 AD-AD9288BSTZ-40 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com