Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5660EVAL1 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HI5660EVAL1
Description  8-Bit, 165/125/60MSPS, High Speed D/A Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5660EVAL1 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HI5660EVAL1 Datasheet HTML 3Page - Intersil Corporation HI5660EVAL1 Datasheet HTML 4Page - Intersil Corporation HI5660EVAL1 Datasheet HTML 5Page - Intersil Corporation HI5660EVAL1 Datasheet HTML 6Page - Intersil Corporation HI5660EVAL1 Datasheet HTML 7Page - Intersil Corporation HI5660EVAL1 Datasheet HTML 8Page - Intersil Corporation HI5660EVAL1 Datasheet HTML 9Page - Intersil Corporation HI5660EVAL1 Datasheet HTML 10Page - Intersil Corporation HI5660EVAL1 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
inputs are 50
Ω lines, then 50Ω termination resistors should
be placed as close to the converter inputs as possible
connected to the digital ground plane (if separate grounds
are used).
Ground Plane(s)
If separate digital and analog ground planes are used, then
all of the digital functions of the device and their
corresponding components should be over the digital ground
plane and terminated to the digital ground plane. The same
is true for the analog components and the analog ground
plane.
Noise Reduction
To minimize power supply noise, 0.1
µF capacitors should
be placed as close as possible to the converter’s power
supply pins, AVDD and DVDD. Also, should the layout be
designed using separate digital and analog ground planes,
these capacitors should be terminated to the digital ground
for DVDD and to the analog ground for AVDD. Additional
filtering of the power supplies on the board is
recommended.
Voltage Reference
The internal voltage reference of the device has a nominal
value of +1.2V with a
±60 ppm/oC drift coefficient over the
full temperature range of the converter. It is recommended
that a 0.1
µF capacitor be placed as close as possible to the
REFIO pin, connected to the analog ground. The REFLO
pin (16) selects the reference. The internal reference can
be selected if pin 16 is tied low (ground). If an external
reference is desired, then pin 16 should be tied high (to the
analog supply voltage) and the external reference driven
into REFIO, pin 17. The full scale output current of the
converter is a function of the voltage reference used and
the value of RSET.IOUT should be within the 2mA to 20mA
range, through operation below 2mA is possible, with
performance degradation.
If the internal reference is used, VFSADJ will equal
approximately 1.16V (pin 18). If an external reference is
used, VFSADJ will equal the external reference. The
calculation for IOUT (full scale) is:
IOUT (Full Scale) = (VFSADJ/RSET)x 32.
If the full scale output current is set to 20mA by using the
internal voltage reference (1.16V) and a 1.86k
Ω RSET
resistor, then the input coding to output current will resemble
the following:
Outputs
IOUTA and IOUTB are complementary current outputs. The
sum of the two currents is always equal to the full scale
output current minus one LSB. If single ended use is
desired, a load resistor can be used to convert the output
current to a voltage. It is recommended that the unused
output be either grounded or equally terminated. The voltage
developed at the output must not violate the output voltage
compliance range of -0.3V to 1.25V. RLOAD should be
chosen so that the desired output voltage is produced in
conjunction with the output full scale current, which is
described above in the ‘Reference’ section. If a known line
impedance is to be driven, then the output load resistor
should be chosen to match this impedance. The output
voltage equation is:
VOUT = IOUT X RLOAD.
These outputs can be used in a differential-to-single-ended
arrangement to achieve better harmonic rejection. The
SFDR measurements in this data sheet were performed with
a 1:1 transformer on the output of the DAC (see Figure 1).
With the center tap grounded, the output swing of pins 21
and 22 will be biased at zero volts. It is important to note
here that the negative voltage output compliance range limit
is -300mV, imposing a maximum of 600mVP-P amplitude
with this configuration. The loading as shown in Figure 1 will
result in a 500mV signal at the output of the transformer if
the full scale output current of the DAC is set to 20mA.
VOUT = 2 x IOUT x REQ, where REQ is ~12.5Ω.
TABLE 1. INPUT CODING vs OUTPUT CURRENT
INPUT CODE (D7-D0)
IOUTA (mA)
IOUTB (mA)
111 11111
20
0
100 00000
10
10
000 00000
0
20
PIN 21
PIN 22
VOUT = (2 x I OUT x R EQ)V
100
HI5660
50
50
50
IOUTB
IOUTA
FIGURE 4.
HI5660


Similar Part No. - HI5660EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5660 INTERSIL-HI5660 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
HI5660 RENESAS-HI5660 Datasheet
444Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5660 INTERSIL-HI5660 Datasheet
546Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converte
July 2004
HI5660/6IA INTERSIL-HI5660/6IA Datasheet
539Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
HI5660/6IA INTERSIL-HI5660/6IA Datasheet
546Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converte
July 2004
More results

Similar Description - HI5660EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5628 INTERSIL-HI5628 Datasheet
93Kb / 10P
   8-Bit, 165/125/60MSPS, Dual High Speed CMOS D/A Converter
July 1999
HI5660 INTERSIL-HI5660_04 Datasheet
539Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
HI5660 RENESAS-HI5660 Datasheet
444Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5660IB INTERSIL-HI5660IB Datasheet
546Kb / 9P
   8-Bit, 125/60MSPS, High Speed D/A Converte
July 2004
HI5628 INTERSIL-HI5628_00 Datasheet
567Kb / 10P
   8-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
logo
Renesas Technology Corp
HI5628 RENESAS-HI5628 Datasheet
500Kb / 10P
   8-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter
HI5760 RENESAS-HI5760 Datasheet
895Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI5760 INTERSIL-HI5760 Datasheet
172Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
November 1999
HI5760BIB INTERSIL-HI5760BIB Datasheet
521Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
March 30, 2005
HI5760 INTERSIL-HI5760_05 Datasheet
516Kb / 18P
   10-Bit, 125/60MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com