Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5710A Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI5710A
Description  10-Bit, 20 MSPS A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5710A Datasheet(HTML) 1 Page - Intersil Corporation

  HI5710A Datasheet HTML 1Page - Intersil Corporation HI5710A Datasheet HTML 2Page - Intersil Corporation HI5710A Datasheet HTML 3Page - Intersil Corporation HI5710A Datasheet HTML 4Page - Intersil Corporation HI5710A Datasheet HTML 5Page - Intersil Corporation HI5710A Datasheet HTML 6Page - Intersil Corporation HI5710A Datasheet HTML 7Page - Intersil Corporation HI5710A Datasheet HTML 8Page - Intersil Corporation HI5710A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
4-1531
August 1997
HI5710A
10-Bit, 20 MSPS A/D Converter
Features
• Resolution
±0.5 LSB (DNL) . . . . . . . . . . . . . . . . . . 10-Bit
• Maximum Sampling Frequency . . . . . . . . . . . 20 MSPS
• Low Power Consumption
(Reference Current Excluded) . . . . . . . . . . . . . .150mW
• Standby Mode Power . . . . . . . . . . . . . . . . . . . . . . .5mW
• No Sample and Hold Required
• TTL Compatible Inputs
• Three-State TTL Compatible Outputs
• Single +5V Analog Power Supply
• Single +3.3V or +5V Digital Power Supply
Applications
• Video Digitizing - Multimedia
• Data Communications
• Image Scanners
• Medical Imaging
• Video Recording Equipment
• Camcorders
• QAM Demodulation
Description
The HI5710A is a low power, 10-bit, CMOS analog-to-digital
converter. The use of a 2-step architecture realizes low
power consumption, 150mW, and a maximum conversion
speed of 20MHz with only a 3 clock cycle data latency. The
HI5710A can be powered down, disabling the chip and the
digital outputs, reducing power to less than 5mW. A built-in,
user controllable, calibration circuit is used to provide low
linearity error, 1 LSB. The low power, high speed and small
package outline make the HI5710A an ideal choice for CCD,
battery, and high channel count applications.
The HI5710A does not require an external sample and hold
but requires an external reference and includes force and
sense reference pins for increased accuracy. The digital out-
puts can be inverted, with the MSB controlled separately,
allowing for various digital output formats. The HI5710A
includes a test mode where the digital outputs can be set to
a fixed state to ease in-circuit testing.
Pinout
HI5710A (MQFP)
TOP VIEW
Ordering Information
PART NO.
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HI5710AJCQ
-20 to 75
48 Ld MQFP
Q48.7x7-S
1
2
3
4
5
6
7
8
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
9
10
11
12
13 14 15 16
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
AVss
VRB
VRB
NC
NC
NC
VRT
VRT
AVSS
AVSS
AVDD
AVDD
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
DVSS
DVDD
File Number
3921.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Similar Part No. - HI5710A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5710AJCQ INTERSIL-HI5710AJCQ Datasheet
833Kb / 21P
   10-Bit, 20 MSPS A/D Converter
HI5710A INTERSIL-HI5710A_00 Datasheet
833Kb / 21P
   10-Bit, 20 MSPS A/D Converter
More results

Similar Description - HI5710A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A_00 Datasheet
833Kb / 21P
   10-Bit, 20 MSPS A/D Converter
logo
Analog Devices
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773A AD-AD773A Datasheet
223Kb / 16P
   10-Bit, 20 MSPS Monolithic A/D Converter
REV. 0
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
SPT7820 CADEKA-SPT7820 Datasheet
194Kb / 11P
   10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
logo
Hittite Microwave Corpo...
HMCAD1040-40 HITTITE-HMCAD1040-40 Datasheet
915Kb / 14P
   Dual 10-Bit 20/40 MSPS A/D Converter
HMCAD1041-40 HITTITE-HMCAD1041-40 Datasheet
695Kb / 12P
   Single 10-Bit 20/40 MSPS A/D Converter
logo
List of Unclassifed Man...
SPT7810 ETC1-SPT7810 Datasheet
81Kb / 10P
   10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
logo
Fairchild Semiconductor
TDC1016 FAIRCHILD-TDC1016 Datasheet
77Kb / 12P
   Video Speed D/A Converter 10-Bit, 20 Msps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com