Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5703 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HI5703
Description  10-Bit, 40 MSPS A/D Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5703 Datasheet(HTML) 4 Page - Intersil Corporation

  HI5703 Datasheet HTML 1Page - Intersil Corporation HI5703 Datasheet HTML 2Page - Intersil Corporation HI5703 Datasheet HTML 3Page - Intersil Corporation HI5703 Datasheet HTML 4Page - Intersil Corporation HI5703 Datasheet HTML 5Page - Intersil Corporation HI5703 Datasheet HTML 6Page - Intersil Corporation HI5703 Datasheet HTML 7Page - Intersil Corporation HI5703 Datasheet HTML 8Page - Intersil Corporation HI5703 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4-4
Absolute Maximum Ratings TA =25oC
Thermal Information
Supply Voltage, AVCC or DVCC to AGND or DGND . . . . . . . . . +6V
DGND to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3V
Digital I/O Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DGND to DVCC
Analog I/O Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . AGND to AVCC
Operating Conditions
Temperature Range, HI5703KCB . . . . . . . . . . . . . . . . . 0oC to 70oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
70
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
AVCC = DVCC1 = DVCC2 = +5.0V; VREF+ = 3.25V; VREF - = 2.0V; fS = 36 MSPS at 50% Duty
Cycle; CL = 20pF; TA = 25
oC; Differential Analog Input; Unless Otherwise Specified
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
ACCURACY
Resolution
10
-
-
Bits
Integral Linearity Error, INL
fIN = DC
-
±1
±2.0
LSB
Differential Linearity Error, DNL
(Guaranteed No Missing Codes)
fIN = DC
-
±0.5
±1
LSB
Offset Error, VOS
fIN = DC
-
4
-
LSB
Full Scale Error, FSE
fIN = DC
-
1
-
LSB
DYNAMIC CHARACTERISTICS
Minimum Conversion Rate
No Missing Codes
-
0.5
1
MSPS
Maximum Conversion Rate
No Missing Codes
40
-
-
MSPS
Effective Number of Bits, ENOB
fIN = 1MHz
-
9.2
-
Bits
fIN = 5MHz
-
9.2
-
Bits
fIN = 10MHz
8.55
8.9
-
Bits
Signal to Noise and Distortion Ratio, SINAD
fIN = 1MHz
-
57
-
dB
fIN = 5MHz
-
57
-
dB
fIN = 10MHz
53.2
55
-
dB
Signal to Noise Ratio, SNR
fIN = 1MHz
-
58
-
dB
fIN = 5MHz
-
58
-
dB
fIN = 10MHz
53.2
57
-
dB
Total Harmonic Distortion, THD
fIN = 1MHz
-
-64
-
dBc
fIN = 5MHz
-
-63
-
dBc
fIN = 10MHz
-
-60
-
dBc
2nd Harmonic Distortion
fIN = 1MHz
-
-75
-
dBc
fIN = 5MHz
-
-75
-
dBc
fIN = 10MHz
-
-73
-
dBc
3rd Harmonic Distortion
fIN = 1MHz
-
-66
-
dBc
fIN = 5MHz
-
-64
-
dBc
fIN = 10MHz
-
-63
-
dBc
RMS Signal
RMS Noise + Distortion
--------------------------------------------------------------
=
RMS Signal
RMS Noise
---------------------------------
=


Similar Part No. - HI5703

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5703 RENESAS-HI5703 Datasheet
879Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
HI5703EVAL RENESAS-HI5703EVAL Datasheet
879Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
HI5703KCB RENESAS-HI5703KCB Datasheet
879Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
More results

Similar Description - HI5703

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
   10-Bit, 40 MSPS A/D Converter
August 1997
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
   10-Bit, 40 MSPS A/D Converter
February 1999
logo
Cadeka Microcircuits LL...
SPT7864 CADEKA-SPT7864 Datasheet
148Kb / 8P
   10-BIT, 40 MSPS A/D CONVERTER
logo
Renesas Technology Corp
HI5703 RENESAS-HI5703 Datasheet
879Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
logo
Analog Devices
AD9040A AD-AD9040A_15 Datasheet
298Kb / 16P
   10-Bit 40 MSPS A/D Converter
REV. D
AD9040A AD-AD9040A Datasheet
192Kb / 12P
   10-Bit 40 MSPS A/D Converter
REV. B
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
CDK1305 CADEKA-CDK1305 Datasheet
1Mb / 12P
   10-bit, 40 MSPS 175mW A/D Converter
CDK1306 CADEKA-CDK1306 Datasheet
1Mb / 11P
   10-bit, 40 MSPS 160mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com