Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI5630CN Datasheet(PDF) 8 Page - Intersil Corporation

Part # HI5630CN
Description  Triple 8-Bit, 80MSPS A/D Converter with Internal Voltage Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5630CN Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HI5630CN Datasheet HTML 4Page - Intersil Corporation HI5630CN Datasheet HTML 5Page - Intersil Corporation HI5630CN Datasheet HTML 6Page - Intersil Corporation HI5630CN Datasheet HTML 7Page - Intersil Corporation HI5630CN Datasheet HTML 8Page - Intersil Corporation HI5630CN Datasheet HTML 9Page - Intersil Corporation HI5630CN Datasheet HTML 10Page - Intersil Corporation HI5630CN Datasheet HTML 11Page - Intersil Corporation HI5630CN Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Detailed Description
Theory of Operation
The HI5630 is a triple 8-Bit fully differential sampling pipeline
A/D converter with digital error correction logic. Each of the
three channels are identical so this discussion will only cover
one channel. Figure 3 depicts the circuit for the front end
differential-in-differential-out sample-and-hold (S/H). The
switches are controlled by an internal sampling clock which
is a non-overlapping two phase signal,
Φ1 and Φ2, derived
from the master sampling clock. During the sampling phase,
Φ1, the input signal is applied to the sampling capacitors,
CS. At the same time the holding capacitors, CH, are
discharged to analog ground. At the falling edge of
Φ1 the
input signal is sampled on the bottom plates of the sampling
capacitors. In the next clock phase,
Φ2 , the two bottom
plates of the sampling capacitors are connected together
and the holding capacitors are switched to the op amp
output nodes. The charge then redistributes between CS
and CH completing one sample-and-hold cycle. The front
end sample-and-hold output is a fully-differential, sampled-
data representation of the analog input. The circuit not only
performs the sample-and-hold function but will also convert
a single-ended input to a fully-differential output for the
converter core. During the sampling phase, the VIN pins see
only the on-resistance of a switch and CS. The relatively
small values of these components result in a typical full
power input bandwidth of 250MHz for the converter.
As illustrated in the functional block diagram and the timing
diagram, identical pipeline subconverter stages, each
containing a two-bit flash converter and a two-bit multiplying
digital-to-analog converter, follow the S/H circuit with the last
stage being a two bit flash converter. Each converter stage
in the pipeline will be sampling in one phase and amplifying
in the other clock phase. Each individual subconverter clock
signal is offset by 180 degrees from the previous stage clock
signal resulting in alternate stages in the pipeline performing
the same operation.
The output of each of the identical two-bit subconverter
stages is a two-bit digital word containing a supplementary
bit to be used by the digital error correction logic. The output
of each subconverter stage is input to a digital delay line
which is controlled by the internal sampling clock. The
function of the digital delay line is to time align the digital
outputs of the identical two-bit subconverter stages with the
corresponding output of the last stage flash converter before
applying the results to the digital error correction logic. The
digital error correction logic uses the supplementary bits to
correct any error that may exist before generating the final
ten bit digital data output of the converter.
Because of the pipeline nature of this converter, the digital
data representing an analog input sample is output to the
digital data bus on the 5th cycle of the clock after the analog
sample is taken. This time delay is specified as the data
latency. After the data latency time, the digital data
representing each succeeding analog sample is output
during the following clock cycle. The digital output data is
synchronized to the external sampling clock by a double
buffered latching technique. The digital output data is
available in two’s complement or offset binary format
depending on the state of the Data Format Select (DFS)
control input (see Table 1, A/D Code Table).
Internal Reference Voltage Output, VROUT
The HI5630 is equipped with an internal reference voltage
generator, therefore, no external reference voltage is
required. VROUT must be connected to VRIN when using the
internal reference voltage. An internal band-gap reference
voltage followed by an amplifier/buffer generates the
precision +2.5V reference voltage used by the converter. A
8:1 array of substrate PNPs generates the “delta-VBE” and a
two-stage op amp closes the loop to create an internal
+1.25V band-gap reference voltage. This voltage is then
amplified by a wide-band uncompensated operational
amplifier connected in a gain-of-two configuration. An
external, user-supplied, 1
µF capacitor connected from the
VROUT output pin to analog ground is used to set the dominant
pole and to maintain the stability of the operational amplifier.
Reference Voltage Input, VRIN
The HI5630 is designed to accept a +2.5V reference voltage
source at the VREFIN input pin. Typical operation of the
converter requires VRIN to be set at +2.5V. The HI5630 is
tested with VRIN connected to VROUT yielding a fully
differential analog input voltage range of
±0.5V.
The user does have the option of supplying an external
+2.5V reference voltage. As a result of the high input
impedance presented at the VRIN input pin, 3.0kΩ typically,
the external reference voltage being used is only required to
source 1mA of reference input current. In the situation where
an external reference voltage will be used an external 1
µF
capacitor must be connected from the VROUT output pin to
analog ground in order to maintain the stability of the internal
operational amplifier.
In order to minimize overall converter noise it is
recommended that adequate high frequency decoupling be
provided at the reference voltage input pin, VRIN.
-
+
+
-
CH
CS
CS
CH
VIN+
VOUT+
VOUT-
VIN-
Φ
1
Φ
1
Φ
1
Φ
2
Φ
1
Φ
1
Φ
1
FIGURE 3. ANALOG INPUT SAMPLE-AND-HOLD
HI5630


Similar Part No. - HI5630CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5630/8CN INTERSIL-HI5630/8CN Datasheet
667Kb / 13P
   Triple 8-Bit, 80MSPS A/D Converter with Internal Voltage Reference
HI5630EVAL1 INTERSIL-HI5630EVAL1 Datasheet
667Kb / 13P
   Triple 8-Bit, 80MSPS A/D Converter with Internal Voltage Reference
HI5630 INTERSIL-HI5630_03 Datasheet
667Kb / 13P
   Triple 8-Bit, 80MSPS A/D Converter with Internal Voltage Reference
More results

Similar Description - HI5630CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5630 INTERSIL-HI5630_03 Datasheet
667Kb / 13P
   Triple 8-Bit, 80MSPS A/D Converter with Internal Voltage Reference
HI5667 INTERSIL-HI5667 Datasheet
252Kb / 10P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5667 INTERSIL-HI5667 Datasheet
262Kb / 10P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5667 RENESAS-HI5667 Datasheet
612Kb / 11P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
March 2003
HI5662 RENESAS-HI5662 Datasheet
693Kb / 15P
   Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Intersil Corporation
HI5662 INTERSIL-HI5662 Datasheet
130Kb / 14P
   Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
February 1999
HI3300 INTERSIL-HI3300 Datasheet
174Kb / 16P
   3V 10-Bit, 20MSPS A/D Converter with Internal Voltage Reference
March 2000
HI5762 INTERSIL-HI5762_10 Datasheet
291Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI57626INZ INTERSIL-HI57626INZ Datasheet
286Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5762 RENESAS-HI5762 Datasheet
745Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com