Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMN01Z30Q Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SMN01Z30Q
Description  Advanced N-Ch Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SMN01Z30Q Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SMN01Z30Q Datasheet HTML 1Page - KODENSHI_AUK CORP. SMN01Z30Q Datasheet HTML 2Page - KODENSHI_AUK CORP. SMN01Z30Q Datasheet HTML 3Page - KODENSHI_AUK CORP. SMN01Z30Q Datasheet HTML 4Page - KODENSHI_AUK CORP. SMN01Z30Q Datasheet HTML 5Page - KODENSHI_AUK CORP. SMN01Z30Q Datasheet HTML 6Page - KODENSHI_AUK CORP. SMN01Z30Q Datasheet HTML 7Page - KODENSHI_AUK CORP. SMN01Z30Q Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
KSD-T5A005-000
1
SMN01Z30Q
Advanced N-Ch Power MOSFET
PIN Connection
S
SOT-223
G
D
D
G
S
D
SWITCHING REGULATOR APPLICATIONS
Features
 High Voltage : BVDSS=300V(Min.)
 Low Crss : Crss=3.2pF(Typ.)
 Low gate charge : Qg=2.9nC(Typ.)
 Low RDS(on) : RDS(on)=8Ω(Max.)
Ordering Information
Marking Diagram
Absolute maximum ratings (T
C=25C unless otherwise noted)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
300
V
Gate-source voltage
VGSS
20
V
Drain current (DC) *
ID
TC=25C
1.3
A
TC=100C
0.78
A
Drain current (Pulsed) *
IDM
5.2
A
Power dissipation
PD
2.1
W
Avalanche current (Single)
IAS
1.3
A
Single pulsed avalanche energy
EAS
182.6
mJ
Avalanche current (Repetitive)
IAR
1.3
A
Repetitive avalanche energy
EAR
0.2
mJ
Junction temperature
TJ
150
C
Storage temperature range
Tstg
-55~150
* Limited by maximum junction temperature
Characteristic
Symbol
Typ.
Max.
Unit
Thermal
resistance
Junction-ambient
Rth(J-A)
-
60
C/W
Type No.
Marking
Package Code
SMN01Z30Q
SMN01Z30
SOT-223
Column 1 : Device Code
Column 2 : Production Information
e.g.) YWW
-. Y : Year Code
-. WW : Week Code
SMN01Z30
YWW


Similar Part No. - SMN01Z30Q

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMN01L20Q KODENSHI-SMN01L20Q Datasheet
438Kb / 8P
   Logic level N-CH Power MOWFET
More results

Similar Description - SMN01Z30Q

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMK630F KODENSHI-SMK630F Datasheet
534Kb / 8P
   Advanced N-Ch Power MOSFET
STK830D KODENSHI-STK830D Datasheet
470Kb / 8P
   Advanced N-Ch Power MOSFET
logo
Shenzhen Foster Semicon...
FIR5N60FG FOSTER-FIR5N60FG Datasheet
5Mb / 9P
   Advanced N-Ch Power MOSFET
logo
KODENSHI_AUK CORP.
SUN08A50D KODENSHI-SUN08A50D Datasheet
487Kb / 8P
   Advanced N-Ch Power MOSFET
SUN09A40D KODENSHI-SUN09A40D Datasheet
534Kb / 8P
   Advanced N-Ch Power MOSFET
SUN0550D KODENSHI-SUN0550D Datasheet
310Kb / 8P
   Advanced N-Ch Power MOSFET
SMK0260I KODENSHI-SMK0260I Datasheet
533Kb / 8P
   Advanced N-Ch Power MOSFET
SMN0665FD KODENSHI-SMN0665FD Datasheet
429Kb / 8P
   Advanced N-Ch Power MOSFET
SNN5010D KODENSHI-SNN5010D Datasheet
409Kb / 8P
   Advanced N-Ch Power MOSFET
SMK0460FG KODENSHI-SMK0460FG Datasheet
365Kb / 8P
   Advanced N-Ch Power MOSFET
SMK1060FG KODENSHI-SMK1060FG Datasheet
335Kb / 8P
   Advanced N-Ch Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com