Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMK0465FG Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SMK0465FG
Description  Advanced N-Ch Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SMK0465FG Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SMK0465FG Datasheet HTML 1Page - KODENSHI_AUK CORP. SMK0465FG Datasheet HTML 2Page - KODENSHI_AUK CORP. SMK0465FG Datasheet HTML 3Page - KODENSHI_AUK CORP. SMK0465FG Datasheet HTML 4Page - KODENSHI_AUK CORP. SMK0465FG Datasheet HTML 5Page - KODENSHI_AUK CORP. SMK0465FG Datasheet HTML 6Page - KODENSHI_AUK CORP. SMK0465FG Datasheet HTML 7Page - KODENSHI_AUK CORP. SMK0465FG Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. date: 23-JUN-14
KSD-T0O152-000
www.auk.co.kr
1 of 8
SMK0465FG
Advanced N-Ch Power MOSFET
HIGH SPEED SWITCHING APPLICATION
Features
 Low drain-source On resistance: RDS(on)=2.4Ω (Typ.)
 Low gate charge: Qg=11.2nC (Typ.)
 Low reverse transfer capacitance: Crss=5.6pF (Typ.)
 RoHS compliant device
 100% avalanche tested
Ordering Information
Part Number
Marking
Package
SMK0465FG
SMK0465G
TO-220FT-3L
(Short Dambar)
Marking Information
Absolute maximum ratings (T
C=25C unless otherwise noted)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
650
V
Gate-source voltage
VGSS
30
V
Drain current (DC) *
ID
Tc=25C
4
A
Tc=100C
2.53
A
Drain current (Pulsed) *
IDM
16
A
Single avalanche energy (Note 2)
EAS
81.5
mJ
Repetitive avalanche current (Note 1)
IAR
4
A
Repetitive avalanche energy (Note 1)
EAR
3.4
mJ
Power dissipation
PD
30
W
Junction temperature
TJ
150
C
Storage temperature range
Tstg
-55~150
C
* Limited only maximum junction temperature
AUK
ΔYMDD
SDB20D45
AUK
ΔYMDD
SDB20D45
AUK
◎△YMDD
SMK0465G
Column 1: Manufacturer
Column 2: Production Information
e.g.)
△YMDD
-. : Option Code
-.
△: Factory Management Code
-. YMDD: Date Code (Year, Month, Daily)
Column 3: Device Code
TO-220FT-3L
G D S


Similar Part No. - SMK0465FG

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMK0465F KODENSHI-SMK0465F Datasheet
520Kb / 8P
   SWITCHING REGULATOR APPLICATIONS
SMK0465F KODENSHI-SMK0465F Datasheet
525Kb / 8P
   SWITCHING REGULATOR APPLICATIONS
logo
SHENZHEN DOINGTER SEMIC...
SMK0465F DOINGTER-SMK0465F Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
KODENSHI_AUK CORP.
SMK0465F(HF) KODENSHI-SMK0465F(HF) Datasheet
525Kb / 8P
   SWITCHING REGULATOR APPLICATIONS
SMK0465F-1 KODENSHI-SMK0465F-1 Datasheet
525Kb / 8P
   SWITCHING REGULATOR APPLICATIONS
More results

Similar Description - SMK0465FG

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMK630F KODENSHI-SMK630F Datasheet
534Kb / 8P
   Advanced N-Ch Power MOSFET
STK830D KODENSHI-STK830D Datasheet
470Kb / 8P
   Advanced N-Ch Power MOSFET
logo
Shenzhen Foster Semicon...
FIR5N60FG FOSTER-FIR5N60FG Datasheet
5Mb / 9P
   Advanced N-Ch Power MOSFET
logo
KODENSHI_AUK CORP.
SUN08A50D KODENSHI-SUN08A50D Datasheet
487Kb / 8P
   Advanced N-Ch Power MOSFET
SUN09A40D KODENSHI-SUN09A40D Datasheet
534Kb / 8P
   Advanced N-Ch Power MOSFET
SUN0550D KODENSHI-SUN0550D Datasheet
310Kb / 8P
   Advanced N-Ch Power MOSFET
SMK0260I KODENSHI-SMK0260I Datasheet
533Kb / 8P
   Advanced N-Ch Power MOSFET
SMN0665FD KODENSHI-SMN0665FD Datasheet
429Kb / 8P
   Advanced N-Ch Power MOSFET
SNN5010D KODENSHI-SNN5010D Datasheet
409Kb / 8P
   Advanced N-Ch Power MOSFET
SMK0460FG KODENSHI-SMK0460FG Datasheet
365Kb / 8P
   Advanced N-Ch Power MOSFET
SMK1060FG KODENSHI-SMK1060FG Datasheet
335Kb / 8P
   Advanced N-Ch Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com