Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2710TB Datasheet(PDF) 10 Page - NEC

Part # UPC2710TB
Description  5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2710TB Datasheet(HTML) 10 Page - NEC

Back Button UPC2710TB Datasheet HTML 6Page - NEC UPC2710TB Datasheet HTML 7Page - NEC UPC2710TB Datasheet HTML 8Page - NEC UPC2710TB Datasheet HTML 9Page - NEC UPC2710TB Datasheet HTML 10Page - NEC UPC2710TB Datasheet HTML 11Page - NEC UPC2710TB Datasheet HTML 12Page - NEC UPC2710TB Datasheet HTML 13Page - NEC UPC2710TB Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet P13443EJ2V0DS00
10
µµµµPC2710TB
TYPICAL S-PARAMETER VALUES (TA = +25
°°°°C)
µPC2710TB
VCC = Vout = 5.0 V, ICC = 22 mA
FREQUENCY
S11
S21
S12
S22
K
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100.0000
0.306
2.5
43.072
−8.4
0.012
15.2
0.156
2.7
1.08
200.0000
0.324
5.2
43.517
−17.1
0.010
10.7
0.164
2.1
1.17
300.0000
0.356
5.3
44.432
−26.5
0.010
20.2
0.185
0.3
1.10
400.0000
0.400
2.5
45.513
−36.9
0.012
26.9
0.225
−5.5
0.92
500.0000
0.439
−3.3
45.679
−48.1
0.012
27.0
0.255
−15.4
0.85
600.0000
0.469
−10.2
45.670
−59.7
0.013
31.3
0.283
−27.6
0.77
700.0000
0.481
−17.9
44.793
−71.8
0.014
34.9
0.301
−40.2
0.74
800.0000
0.488
−26.7
43.016
−84.3
0.014
27.9
0.312
−54.9
0.74
900.0000
0.479
−34.5
40.519
−96.0
0.013
26.6
0.316
−67.7
0.78
1000.0000
0.465
−41.2
37.946
−107.3
0.016
30.8
0.311
−79.5
0.79
1100.0000
0.448
−49.3
35.122
−117.9
0.016
26.6
0.307
−92.2
0.85
1200.0000
0.417
−54.9
32.108
−128.0
0.015
39.5
0.282
−104.6
0.99
1300.0000
0.387
−61.2
29.221
−137.0
0.015
39.7
0.270
−115.5
1.12
1400.0000
0.350
−65.2
26.656
−145.8
0.015
50.2
0.248
−127.0
1.27
1500.0000
0.316
−70.8
23.895
−153.9
0.013
50.8
0.236
−136.2
1.56
1600.0000
0.292
−74.0
21.576
−161.6
0.016
56.6
0.215
−145.3
1.49
1700.0000
0.256
−76.9
19.567
−168.1
0.015
69.0
0.200
−155.2
1.71
1800.0000
0.245
−80.5
17.743
−174.4
0.018
61.7
0.196
−162.5
1.59
1900.0000
0.215
−82.9
16.040
179.6
0.017
70.0
0.180
−173.4
1.88
2000.0000
0.201
−85.6
14.717
173.5
0.021
71.2
0.175
−178.1
1.71
2100.0000
0.177
−84.4
13.475
168.8
0.020
83.0
0.166
172.0
1.94
2200.0000
0.161
−88.8
12.327
163.1
0.021
76.7
0.171
167.7
1.99
2300.0000
0.145
−88.7
11.154
158.7
0.022
87.9
0.159
159.1
2.08
2400.0000
0.124
−90.3
10.262
154.4
0.023
81.4
0.164
154.0
2.15
2500.0000
0.113
−89.8
9.490
150.4
0.025
91.9
0.158
147.0
2.19
2600.0000
0.107
−91.9
8.793
146.4
0.028
88.7
0.166
141.8
2.06
2700.0000
0.091
−92.2
8.149
142.4
0.030
93.4
0.175
135.7
2.13
2800.0000
0.081
−94.9
7.652
138.9
0.031
92.1
0.183
131.6
2.13
2900.0000
0.067
−97.4
7.134
135.1
0.031
93.0
0.191
123.4
2.26
3000.0000
0.055
−103.8
6.726
131.5
0.039
88.3
0.200
118.9
1.97
3100.0000
0.039
−95.6
6.295
128.4
0.039
89.6
0.203
111.5
2.08


Similar Part No. - UPC2710TB

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC2710TB CEL-UPC2710TB Datasheet
320Kb / 14P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2710TB CEL-UPC2710TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2710TB CEL-UPC2710TB Datasheet
221Kb / 8P
   5V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
logo
NEC
UPC2710TB NEC-UPC2710TB Datasheet
117Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
UPC2710TB RENESAS-UPC2710TB Datasheet
240Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
More results

Similar Description - UPC2710TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2709TB NEC-UPC2709TB_1 Datasheet
93Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB_1 Datasheet
103Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB Datasheet
80Kb / 12P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2710TB NEC-UPC2710TB_1 Datasheet
117Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2708TB NEC-UPC2708TB Datasheet
99Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2709TB NEC-UPC2709TB Datasheet
95Kb / 6P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2708TB NEC-UPC2708TB_1 Datasheet
100Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2711TB NEC-UPC2711TB_1 Datasheet
285Kb / 20P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3210TB NEC-UPC3210TB Datasheet
87Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2711TB NEC-UPC2711TB Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com