Electronic Components Datasheet Search |
|
UPC24M09AHF Datasheet(PDF) 3 Page - NEC |
|
UPC24M09AHF Datasheet(HTML) 3 Page - NEC |
3 / 14 page 3 µPC24M00A Series ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C, Unless otherwise specified.) PARAMETER SYMBOL RATING UNIT Input Voltage VIN 36 V Internal Power Dissipation PT 15 Note W Operating Ambient Temperature Range TA –20 to +85 ˚ C Operating Junction Temperature Range TJ –20 to +150 ˚ C Storage Temperature Range Tstg –55 to +150 ˚ C Thermal Resistance (Junction to Case) Rth(J - C) 7.0 ˚C/W Thermal Resistance (Junction to Ambient) Rth(J - A) 65 ˚C/W Note Internally limited. TYPICAL CONNECTION D1 INPUT OUTPUT PC24M00A CIN COUT D2 + µ CIN : 0.1 to 0.47 µF. COUT : More than 47 µF. D1 : Need for VO > VIN. D2 : Need for VO < GND. RECOMMENDED OPERATING CONDITIONS PARAMETER SYMBOL TYPE NUMBER MIN. TYP. MAX. UNIT Input Voltage VIN µPC24M05AHF 6 9 20 V µPC24M06AHF 7 10 21 µPC24M07AHF 8 11 22 µPC24M08AHF 9 13 23 µPC24M09AHF 10 14 24 µPC24M10AHF 11 15 25 µPC24M12AHF 13 18 27 µPC24M15AHF 16 22 27 µPC24M18AHF 19 25 28 Output Current IO All 0 500 mA Operating Ambient Temperature Range TA All –20 +85 ˚ C Operating Junction Temperature Range TJ All –20 +125 ˚ C |
Similar Part No. - UPC24M09AHF |
|
Similar Description - UPC24M09AHF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |