Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2324DS Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI2324DS
Description  N-Channel Enhancement MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2324DS Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2324DS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2324DS Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2324DS Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2324DS Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI2324DS Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd SI2324DS Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www .kexin.com.cn
4
SMD
Type
IC
SMD Type
MOFET
N-Channel Enhancement MOSFET
Typical Characterisitics
Source-Drain Diode Forward Voltage
Threshold Voltage
0.1
1
10
0.0
0.3
0.6
0.9
1.2
V
SD - Source-to-Drain Voltage (V)
T
J = 150 °C
T
J = 25 °C
1.6
1.9
2.2
2.5
2.8
- 50
- 25
0
25
50
75
100
125
150
T
J - Temperature(°C )
I
D = 250 µA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0
0.15
0.3
0.45
0.6
2
4
6
8
10
V
GS - Gate-to-Source Voltage (V)
T
J = 125 °C
T = 25
°C
I
D = 1.5 A
0
2
4
6
8
10
0.01
0.1
1
10
100
1000
Time (s)
TA = 25 °C
Safe Operating Area
0.001
0.01
0.1
1
10
0.1
1
10
100
1000
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum V GS at which RDS(on)
100 µs
100 ms
Limited byR DS(on)*
1 ms
T
A = 25 °C
Single Pulse
BVDSS Limited
10 ms
1 s, 10 s
DC
SI2324DS (KI2324DS)


Similar Part No. - SI2324DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2324DS VISHAY-SI2324DS Datasheet
192Kb / 4P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 27-Jun-11
SI2324DS VISHAY-SI2324DS Datasheet
210Kb / 9P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
logo
Guangdong Kexin Industr...
SI2324DS-HF KEXIN-SI2324DS-HF Datasheet
2Mb / 6P
   N-Channel MOSFET
SI2324DS-HF-3 KEXIN-SI2324DS-HF-3 Datasheet
2Mb / 6P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SI2324DS-T1-GE3 VBSEMI-SI2324DS-T1-GE3 Datasheet
1Mb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

Similar Description - SI2324DS

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com