Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KI2302DS-HF Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KI2302DS-HF
Description  N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KI2302DS-HF Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KI2302DS-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KI2302DS-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KI2302DS-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KI2302DS-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
Features
VDS=20V
RDS(on)= 85mΩ@VGS=4.5V ,ID=3.6A
RDS(on)= 115mΩ@VGS=2.5V ,ID=3.1A
1.Gate
2.Source
3.Drain
G
S
D
2
3
1
Absolute Maximum Ratings Ta = 25℃
Symbol
Rating
Unit
VDS
20
VGS
±8
Ta=25℃
2.8
Ta=70℃
2.2
IDM
10
Ta=25℃
1.25
W
Ta=70℃
0.8
Thermal Resistance.Junction- to-Ambient
*1
100
*2
166
TJ
150
Tstg
-55 to 150
/W
RthJA
Pulsed Drain Current
Junction Temperature
Parameter
Continuous Drain Current
*1
ID
Drain-Source Voltage
Gate-Source Voltage
V
A
Storage Temperature Range
PD
Power Dissipation
Notes:
*2.Surface Mounted on FR4 Board.
*1.Surface Mounted on FR4 Board, t ≤ 5 sec.
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
N-Channel MOSFET
SI2302DS-HF (KI2302DS-HF)
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish


Similar Part No. - KI2302DS-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KI2302DS KEXIN-KI2302DS Datasheet
45Kb / 2P
   N-Channel 1.25-W, 2.5-V MOSFET
More results

Similar Description - KI2302DS-HF

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com