Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KX6N70F Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KX6N70F
Description  N-Channel Enhancement MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KX6N70F Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  KX6N70F Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KX6N70F Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KX6N70F Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KX6N70F Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIP Type
www.kexin.com.cn
3
MOSFET
N-Channel Enhancement MOSFET
KX6N70F
Typical Characterisitics
V
GS
Top :
15 0 V
10
-1
10
0
10
1
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
Bottom : 5.0 V
Notes :
1. 250μ s Pulse Test
2. T
C = 25℃
10
0
10
1
150
oC
25
oC
-55
oC
Notes :
1. V
DS = 40V
2. 250μ s Pulse Test
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
10
-1
10
0
10
1
V
DS, Drain-Source Voltage [V]
2
4
6
8
10
10
-1
μ
V
GS, Gate-Source Voltage [V]
4.0
4.5
10
1
5
1
0
1
5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
GS = 20V
V
GS = 10V
Note : T
J = 25℃
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
150℃
Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
25℃
Figure 3. On-Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
I
D, Drain Current [A]
V
SD, Source-Drain voltage [V]
1200
1400
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes ;
10
12
V
DS = 250V
V
DS = 100V
10
-1
10
0
10
1
0
200
400
600
800
1000
Notes ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
5
10
15
20
0
2
4
6
8
V
DS = 400V
Note : I
D = 6A
Q
G, Total Gate Charge [nC]
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
DS,
g [ ]


Similar Part No. - KX6N70F

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KX6N70 KEXIN-KX6N70 Datasheet
3Mb / 4P
   N-Channel Enhancement MOSFET
More results

Similar Description - KX6N70F

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com