Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI3256 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HI3256
Description  8-Bit, 120MSPS, Flash A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3256 Datasheet(HTML) 5 Page - Intersil Corporation

  HI3256 Datasheet HTML 1Page - Intersil Corporation HI3256 Datasheet HTML 2Page - Intersil Corporation HI3256 Datasheet HTML 3Page - Intersil Corporation HI3256 Datasheet HTML 4Page - Intersil Corporation HI3256 Datasheet HTML 5Page - Intersil Corporation HI3256 Datasheet HTML 6Page - Intersil Corporation HI3256 Datasheet HTML 7Page - Intersil Corporation HI3256 Datasheet HTML 8Page - Intersil Corporation HI3256 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
AVCC Pin Supply Current, AICC
45
-
87
mA
DVCC1 Pin Supply Current, DICC1
20
-
36
mA
DVCC2 Pin Supply Current, DICC2
5
-
15
mA
DGND3 Pin Supply Current, IEE
0.5
-
1.5
mA
Power Consumption, PD*6
400
500
700
mW
POWER SUPPLY IN POWER SAVING MODE (PS = 0)
Total Supply Current, PS ICC + IEE
--
5
mA
AVCC Pin Supply Current, PS AICC
-
-
1.5
mA
DVCC1 Pin Supply Current, PS DICC1
-
-
1.5
mA
DVCC2 Pin Supply Current, PS DICC2
-
-
1.5
mA
DGND3 Pin Supply Current, PS IEE
-
-
0.5
mA
Power Consumption, PS PD*6
-
-
25
mW
NOTES:
3. RREF: Resistance value between VRT and VRB.
4.
.
5.
.
6. The unit of measure TPS: Times Per Sample.
7.
.
Electrical Specifications
DVCC1, 2, AVCC, DGND3 = +5V, DGND1, 2, AGND, DVEE3 = 0V, VRT = 4V, VRB = 2V, TA = 25
oC (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
I
REF
V
RT
V
RB
R
REF
-----------------------------
=
t
1
f
C
-----
=
P
D
I
CC
I
EE
+
() V
CC
V
RT
V
RB
()2
V
REF
-------------------------------------
+
=
Timing Diagrams
FIGURE 1. DEMUX MODE TIMING CHART (SELECT1 = VCC)
N - 1
tDS
tPW1
tPW0
N
N + 1
tD02
N + 2
N + 3
N + 2
N
2V
0.8V
N - 2
tDCLK
2V
0.8V
2V
0.8V
N - 1
2V
0.8V
N + 1
tD01
t + 1ns
N + 3
RESET PULSE
CLK OUT
PBD0 TO D7
PAD0 TO D7
CLK
VIN
t
tPWR
HI3256


Similar Part No. - HI3256

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3246 INTERSIL-HI3246 Datasheet
228Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
March 2000
HI3246JCQ INTERSIL-HI3246JCQ Datasheet
228Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
March 2000
HI3276 INTERSIL-HI3276 Datasheet
228Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
HI3276 INTERSIL-HI3276 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI3276JCQ INTERSIL-HI3276JCQ Datasheet
228Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
More results

Similar Description - HI3256

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
logo
Intersil Corporation
HI3246 INTERSIL-HI3246 Datasheet
228Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
March 2000
logo
Sony Corporation
CXA3256R SONY-CXA3256R Datasheet
331Kb / 23P
   8-bit 120MSPS Flash A/D Converter
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com