Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI3086JCQ Datasheet(PDF) 3 Page - Intersil Corporation

Part # HI3086JCQ
Description  6-Bit, 140 MSPS, Flash A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3086JCQ Datasheet(HTML) 3 Page - Intersil Corporation

  HI3086JCQ Datasheet HTML 1Page - Intersil Corporation HI3086JCQ Datasheet HTML 2Page - Intersil Corporation HI3086JCQ Datasheet HTML 3Page - Intersil Corporation HI3086JCQ Datasheet HTML 4Page - Intersil Corporation HI3086JCQ Datasheet HTML 5Page - Intersil Corporation HI3086JCQ Datasheet HTML 6Page - Intersil Corporation HI3086JCQ Datasheet HTML 7Page - Intersil Corporation HI3086JCQ Datasheet HTML 8Page - Intersil Corporation HI3086JCQ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
4-1408
Pin Descriptions
PIN
NO.
SYMBOL
I/O
TYPICAL
VOLTAGE
LEVEL
EQUIVALENT CIRCUIT
DESCRIPTION
14, 23
AGND
GND
Analog Ground. Separated from
the digital ground.
17, 20
AVCC
+5V (Typ)
Analog Power Supply. Separated
from the digital power supply.
1, 8, 29,
36, 39,
46
DGND1
DGND2
GND
Digital Ground.
9, 28,
37, 38,
47, 48
DVCC1
DVCC2
+5V (Typ)
Digital Power Supply.
24
DGND3
+5V (Typ) (With a
Single Power
Supply)
Digital Power Supply. Ground for
ECL input. +5V for PECL and TTL
input.
GND (With Dual
Power Supplies)
13
DVEE3
GND (With a
Single Power
Supply)
Digital Power Supply. Ground for
ECL input. -5V for PECL and TTL
input.
-5V (Typ) (With
Dual Power
Supplies)
18, 40,
45
NC
No Connect pin. Not connected
with the internal circuits.
25
CLK/E
I
ECL/PECL
Clock input.
26
CLKN/E
I
CLK/E Complementary Input. When
left open, this pin goes to the thresh-
old potential. Only CLK/E can be
used for operation, but complemen-
tary input is recommended to attain
fast and stable operation.
12
RESETN/E
I
Reset Input. When the input is set to
low level, the built-in CLK frequency
divider circuit can be reset.
11
RESET/E
I
RESETN/E Complementary Input.
When left open, this pin goes to the
threshold voltage. Only RESETN/E
can be used for operation.
12 25
26
11
DGND3
DVEE3
1.2V
RR
RR
HI3086


Similar Part No. - HI3086JCQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3086JCQ INTERSIL-HI3086JCQ Datasheet
894Kb / 18P
   6-Bit, 140 MSPS, Flash A/D Converter
More results

Similar Description - HI3086JCQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
logo
Sony Corporation
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
   6-BIT 140 MSPS FLASH A/D CONVERTER
logo
Intersil Corporation
HI3086 INTERSIL-HI3086_00 Datasheet
894Kb / 18P
   6-Bit, 140 MSPS, Flash A/D Converter
HI1826 INTERSIL-HI1826 Datasheet
52Kb / 8P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
HI3026A INTERSIL-HI3026A Datasheet
206Kb / 17P
   8-Bit, 140 MSPS, Flash A/D Converter
August 1997
HI3026A INTERSIL-HI3026A_03 Datasheet
724Kb / 17P
   8-Bit, 140 MSPS, Flash A/D Converter
logo
Murata Power Solutions ...
ADC-316 MURATA-PS-ADC-316 Datasheet
1Mb / 4P
   6-BIT, 140 MHz FLASH A/D CONVERTER
logo
Intersil Corporation
HI-5701883 INTERSIL-HI-5701883 Datasheet
61Kb / 8P
   6-Bit, 30 MSPS Flash A/D Converter
HI3306 INTERSIL-HI3306 Datasheet
153Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converter
December 1997
logo
Fujitsu Component Limit...
MB40C318 FUJITSU-MB40C318 Datasheet
173Kb / 16P
   8-bit 140 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com