Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI2300JCQ Datasheet(PDF) 7 Page - Intersil Corporation

Part # HI2300JCQ
Description  8-Bit, 18 MSPS, Video A/D Converter with 3.3V Power Supply Operation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI2300JCQ Datasheet(HTML) 7 Page - Intersil Corporation

  HI2300JCQ Datasheet HTML 1Page - Intersil Corporation HI2300JCQ Datasheet HTML 2Page - Intersil Corporation HI2300JCQ Datasheet HTML 3Page - Intersil Corporation HI2300JCQ Datasheet HTML 4Page - Intersil Corporation HI2300JCQ Datasheet HTML 5Page - Intersil Corporation HI2300JCQ Datasheet HTML 6Page - Intersil Corporation HI2300JCQ Datasheet HTML 7Page - Intersil Corporation HI2300JCQ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4-1236
Typical Application Circuits
NOTE:
1. The clamp pulse is latched by the sampling clock of ADC, but that is not necessary for basic clamp operaiotn. However, slight small beat
may be generated as Vertical sag according to the relationship between the sampling frequency and the clamp pulse frequency. At such
time, the latch circuit is efective in this case.
FIGURE 1. WHEN CLAMP IS USED (SELF BIAS)
NOTES:
2. The relationship between the changes in CCP voltage (Pin 27) and in VIN voltage is positive phase.
3.
∆VIN/∆VCCP = 3.0 (fS = 20 MSPS).
FIGURE 2. DIGITAL CLAMP (SELF BIAS)
8
7
6
5
4
3
2
1
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
CLOCK IN
10
µ
0.1
µ
+3.3V (DIGITAL)
CLAMP PULSE IN
VIDEO IN
VREF
LATCH CK
Q
75
0.01
µ
10p
0.1
µ
GND (ANALOG)
GND (DIGITAL)
D0
D1
D2
D3
D4
D5
D6
D7
HC04
(NOTE 2)
0.01
µ
+3.3V (ANALOG)
+3.3V
(ANALOG)
0.01
µ
OPEN
20K
+
17
18
19
20
21
22
23
24
DAC,
PWM,
ETC.
CLAMP LEVEL
SETTING DATA
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
CLOCK IN
10
µ
0.1
µ
+3.3V (DIGITAL)
VIDEO IN
75
0.01
µ
10p
0.1
µ
GND (ANALOG)
GND (DIGITAL)
HC04
0.01
µ
+3.3V (ANALOG)
0.01
µ
OPEN
+
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
SUBTRACTER,
COMPARATOR,
ETC.
INFORMATION OTHER THAN
CLAMP INTERVAL IS AT
HIGH IMPEDANCE.
HI2300


Similar Part No. - HI2300JCQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI2301 INTERSIL-HI2301 Datasheet
746Kb / 13P
   8-Bit, 30 MSPS, Video A/D Converter with Amplifier/Clamp
HI2301JCQ INTERSIL-HI2301JCQ Datasheet
746Kb / 13P
   8-Bit, 30 MSPS, Video A/D Converter with Amplifier/Clamp
HI2302 INTERSIL-HI2302 Datasheet
167Kb / 16P
   8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
November 1997
HI2302 INTERSIL-HI2302 Datasheet
573Kb / 16P
   8-Bit, 50MSPS, Video A/D Converter with Clamp Function
HI2302JCQ INTERSIL-HI2302JCQ Datasheet
167Kb / 16P
   8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
November 1997
More results

Similar Description - HI2300JCQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2300Q SONY-CXD2300Q Datasheet
202Kb / 14P
   8-bit 18MSPS Video A/D Converter with 3.3V Power Supply Operation Function
logo
Fairchild Semiconductor
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
   Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Cadeka Microcircuits LL...
TMC1175A CADEKA-TMC1175A Datasheet
467Kb / 18P
   Video A/D Converter 8 bit, 40 Msps
logo
Renesas Technology Corp
HI1179 RENESAS-HI1179 Datasheet
721Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
logo
Intersil Corporation
HI1179 INTERSIL-HI1179_05 Datasheet
303Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Intersil Corporation
HI2301 INTERSIL-HI2301 Datasheet
746Kb / 13P
   8-Bit, 30 MSPS, Video A/D Converter with Amplifier/Clamp
HI2302 INTERSIL-HI2302 Datasheet
167Kb / 16P
   8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
November 1997
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com