Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1-674ASD-2 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HI1-674ASD-2
Description  Complete, 12-Bit A/D Converters with Microprocessor Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-674ASD-2 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HI1-674ASD-2 Datasheet HTML 5Page - Intersil Corporation HI1-674ASD-2 Datasheet HTML 6Page - Intersil Corporation HI1-674ASD-2 Datasheet HTML 7Page - Intersil Corporation HI1-674ASD-2 Datasheet HTML 8Page - Intersil Corporation HI1-674ASD-2 Datasheet HTML 9Page - Intersil Corporation HI1-674ASD-2 Datasheet HTML 10Page - Intersil Corporation HI1-674ASD-2 Datasheet HTML 11Page - Intersil Corporation HI1-674ASD-2 Datasheet HTML 12Page - Intersil Corporation HI1-674ASD-2 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
6-960
tSSR
CS to CE Setup
50
-
-
ns
tSRR
R/C to CE Setup
0
-
-
ns
tSAR
AO to CE Setup
50
-
-
ns
tHSR
CS Valid After CE Low
0
-
-
ns
tHRR
R/C High After CE Low
0
-
-
ns
tHAR
AO Valid After CE Low
50
-
-
ns
tHS
STS Delay After Data Valid
25
-
850
ns
Timing Specifications (HI-774) 25oC, Into a load with RL = 3kΩ and CL = 50pF, Note 2, Unless Otherwise Specified
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONVERT MODE
tDSC
STS Delay from CE
-
100
200
ns
tHEC
CE Pulse Width
50
30
-
ns
tSSC
CS to CE Setup
50
20
-
ns
tHSC
CS Low During CE High
50
20
-
ns
tSRC
R/C to CE Setup
50
0
-
ns
tHRC
R/C Low During CE High
50
20
-
ns
tSAC
AO to CE Setup
0
0
-
ns
tHAC
AO Valid During CE High
50
30
-
ns
tC
Conversion Time
12-Bit Cycle TMIN to TMAX (-5)
-
8.0
9
µs
8-Bit Cycle TMIN to TMAX (-5)
-
6.4
6.8
µs
12-Bit Cycle TMIN to TMAX (-2)
-
9
11
µs
8-Bit Cycle TMIN to TMAX (-2)
-
6.8
8.3
µs
READ MODE
tDD
Access Time from CE
-
75
150
ns
tHD
Data Valid After CE Low
25
35
-
ns
tHL
Output Float Delay
-
70
150
ns
tSSR
CS to CE Setup
50
0
-
ns
tSRR
R/C to CE Setup
0
0
-
ns
tSAR
AO to CE Setup
50
25
-
ns
tHSR
CS Valid After CE Low
0
0
-
ns
tHRR
R/C High After CE Low
0
0
-
ns
tHAR
AO Valid After CE Low
50
25
-
ns
tHS
STS Delay After Data Valid
-
90
300
ns
NOTES:
1. Dissipation rating assumes device is mounted with all leads soldered to printed circuit board.
2. Time is measured from 50% level of digital transitions. Tested with a 50pF and 3k
Ω load.
Timing Specifications (HI-674A) 25oC, Note 2, Unless Otherwise Specified (Continued)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
HI-574A, HI-674A, HI-774


Similar Part No. - HI1-674ASD-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1-674ASD-2 INTERSIL-HI1-674ASD-2 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
More results

Similar Description - HI1-674ASD-2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI-574A RENESAS-HI-574A Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A_01 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
HI3-574AJN-5 INTERSIL-HI3-574AJN-5 Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
HI-574A INTERSIL-HI-574A_08 Datasheet
392Kb / 18P
   Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface
logo
Analog Devices
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
ADADC84 AD-ADADC84 Datasheet
629Kb / 8P
   FAST, COMPLETE 12-BIT A/D CONVERTERS
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com