Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54240DTQB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT54240DTQB
Description  FAST CMOS OCTAL BUFFER/LINE DRIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54240DTQB Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT54240DTQB Datasheet HTML 1Page - Integrated Device Technology IDT54240DTQB Datasheet HTML 2Page - Integrated Device Technology IDT54240DTQB Datasheet HTML 3Page - Integrated Device Technology IDT54240DTQB Datasheet HTML 4Page - Integrated Device Technology IDT54240DTQB Datasheet HTML 5Page - Integrated Device Technology IDT54240DTQB Datasheet HTML 6Page - Integrated Device Technology IDT54240DTQB Datasheet HTML 7Page - Integrated Device Technology IDT54240DTQB Datasheet HTML 8Page - Integrated Device Technology IDT54240DTQB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IDT54/74FCT240/244T/AT/CT/DT - 2240/2244T/AT/CT, IDT54/74FCT540/541/2541T/AT/CT
FAST CMOS OCTAL BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.8
5
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
∆ICC
Quiescent Power Supply Current
TTL Inputs HIGH
VCC = Max.
VIN = 3.4V(3)
0.5
2.0
mA
ICCD
Dynamic Power Supply
Current(4)
VCC = Max.
Outputs Open
OEA = OEB = GND
VIN = VCC
VIN = GND
FCTxxxT
0.15
0.25
mA/
MHz
One Input Toggling
50% Duty Cycle
FCT2xxxT
0.06
0.12
IC
Total Power Supply Current(6)
VCC = Max.
VIN = VCC
FCTxxxT
1.5
3.5
mA
Outputs Open
fi = 10MHz
VIN = GND FCT2xxxT
0.6
2.2
50% Duty Cycle
OEA = OEB = GND
VIN = 3.4
FCTxxxT
1.8
4.5
One Bit Toggling
VIN = GND FCT2xxxT
0.9
3.2
VCC = Max.
VIN = VCC
FCTxxxT
3.0
6.0(5)
Outputs Open
fi = 2.5MHz
VIN = GND FCT2xxxT
1.2
3.4(5)
50% Duty Cycle
OEA = OEB = GND
VIN = 3.4
FCTxxxT
5.0
14.0(5)
Eight Bits Toggling
VIN = GND FCT2xxxT
3.2
11.4(5)
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Input Frequency
Ni = Number of Inputs at fi
All currents are in milliamps and all frequencies are in megahertz.
2565 tbl 08


Similar Part No. - IDT54240DTQB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54 IDT-IDT54 Datasheet
85Kb / 7P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER Reduced system switching noise
logo
List of Unclassifed Man...
IDT54 ETC2-IDT54 Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Integrated Device Techn...
IDT54 IDT-IDT54 Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
IDT54 IDT-IDT54 Datasheet
88Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54 IDT-IDT54 Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
More results

Similar Description - IDT54240DTQB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT244T PERICOM-PI74FCT244T Datasheet
434Kb / 7P
   Fast CMOS Octal Buffer/Line Drivers
logo
Integrated Device Techn...
74541 IDT-74541 Datasheet
230Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
logo
Pericom Semiconductor C...
PI74FCT240T PERICOM-PI74FCT240T Datasheet
135Kb / 6P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT244T PERICOM-PI74FCT244T_06 Datasheet
730Kb / 8P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT162541 PERICOM-PI74FCT162541 Datasheet
61Kb / 6P
   Fast CMOS 16-Bit Octal Buffer/Line Drivers
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Texas Instruments
CD54AC240 TI1-CD54AC240_16 Datasheet
1Mb / 17P
[Old version datasheet]   Octal Buffer Line Drivers
logo
Integrated Device Techn...
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com