Electronic Components Datasheet Search |
|
ADD8754 Datasheet(PDF) 3 Page - Analog Devices |
|
ADD8754 Datasheet(HTML) 3 Page - Analog Devices |
3 / 28 page ADD8754 Rev. 0 | Page 3 of 28 SPECIFICATIONS STEP-UP SWITCHING REGULATOR SPECIFICATIONS VIN_1 = VIN_2 = SHDN = 5 V, VOUT 1 = VDD_1 = VDD_2 = 14 V, TA = 25°C, FREQ = GND, unless otherwise noted. Table 1. Parameter Symbol Conditions Min Typ Max Unit SUPPLY Input Voltage Range VIN 3.0 5.5 V OUTPUT1 Output Voltage Range VOUT1 20 V Load Regulation 10 mA ≤ ILOAD ≤ 150 mA, VOUT1 = 10 V 200 μV/mA Line Regulation ILOAD = 350 mA, 4.5 V ≤ VIN_1 ≤ 5.5 V mV Load Regulation 10 mA ≤ ILOAD ≤ 150 mA, VOUT1 = 10 V 200 μV/mA Line Regulation ILOAD = 150 mA, 3.0 V ≤ VIN_1 ≤ 5.5 V mV Overall Regulation Line, load, temperature (−40°C ≤ TA ≤ +85°C) −3 +3 % REFERENCE Feedback Voltage VFB 1.200 1.211 1.220 V ERROR AMPLIFIER Transconductance GMEA 100 μA/V Gain AV 1000 V/V Input Bias Current IB 225 nA SWITCH On Resistance RDS (ON) 170 mΩ Leakage Current ILKG VLX = 14 V, SHDN = GND 0.5 μA Peak Current Limit ICL 2.6 A OSCILLATOR Oscillator Frequency FOSC FREQ = GND 650 kHz FREQ = VIN_1 1.2 MHz Maximum Duty Cycle DMAX VFB = 1 V 90 95 % SOFT START Peak Current SS = GND 2.5 μA 1 Refer to the Figure 23. |
Similar Part No. - ADD8754_15 |
|
Similar Description - ADD8754_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |