Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI20203 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HI20203
Description  8-Bit, 160 MSPS, Ultra High-Speed D/A Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI20203 Datasheet(HTML) 5 Page - Intersil Corporation

  HI20203 Datasheet HTML 1Page - Intersil Corporation HI20203 Datasheet HTML 2Page - Intersil Corporation HI20203 Datasheet HTML 3Page - Intersil Corporation HI20203 Datasheet HTML 4Page - Intersil Corporation HI20203 Datasheet HTML 5Page - Intersil Corporation HI20203 Datasheet HTML 6Page - Intersil Corporation HI20203 Datasheet HTML 7Page - Intersil Corporation HI20203 Datasheet HTML 8Page - Intersil Corporation HI20203 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
10-5
Typical Performance Curves
FIGURE 2. VO(FS) RATIO vs (VREF - VEE)
FIGURE 3. FULL SCALE OUTPUT VOLTAGE vs AMBIENT
TEMPERATURE
FIGURE 4. OUTPUT CHARACTERISTICS vs MULTIPLYING
INPUT SIGNAL FREQUENCY
FIGURE 5. GLITCH ENERGY vs CASE TEMPERATURE
(FULL SCALE - 1023mV)
VREF - VEE (V)
0.5
1.0
1.5
-2.0
-1.0
0
LINEAR AREA
RL = 10kΩ
RL = 75Ω
TA = 25
oC, V
EE = -5.2V
80
60
40
20
0
-20
AMBIENT TEMPERATURE (oC)
1.05
1.00
0.95
RL = 75Ω
RL = 10kΩ
100K
10K
1M
10M
100M
MULTIPLYING INPUT SIGNAL FREQUENCY (Hz)
0
-10
-20
0
-90
-180
GAIN
PHASE
-50
0
50
100
10.0
8.0
6.0
4.0
2.0
CASE TEMPERATURE (oC)
fCLK = 100MHz
Pin Descriptions
28 PIN SOIC
PIN NAME
PIN DESCRIPTION
1-8
D0 (LSB) - D7 (MSB)
Digital Data Bit 0, the Least Significant Bit thru Digital Data Bit 7, the Most Significant Bit.
11, 12, 19,
21-25
NC
No connect, not used.
13
CLK
Negative Differential Clock Input.
14
CLK
Positive Differential Clock Input
15
DVEE
Digital (ECL) Power Supply -4.75V to -7V.
16
COMPL
Data Complement Pin. When set to a (ECL) logic High the input data is complemented in the input
buffer. When cleared to a (ECL) logic Low the input data is not complemented.
17
DVSS
Digital Ground.
18
AVSS
Analog Ground.
20
IOUT
Current Output Pin.
26
AVEE
Analog Supply -4.75V to -7V.
27
VREF
Input Reference Voltage used to set the output full scale range.
28
AVSS
Analog Ground
HI20203


Similar Part No. - HI20203

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI20203JCB INTERSIL-HI20203JCB Datasheet
663Kb / 10P
   8-Bit, 160 MSPS, Ultra High-Speed D/A Converter
HI20203 INTERSIL-HI20203_00 Datasheet
663Kb / 10P
   8-Bit, 160 MSPS, Ultra High-Speed D/A Converter
More results

Similar Description - HI20203

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI20203 INTERSIL-HI20203_00 Datasheet
663Kb / 10P
   8-Bit, 160 MSPS, Ultra High-Speed D/A Converter
HI20201 INTERSIL-HI20201 Datasheet
82Kb / 11P
   10-Bit, 160 MSPS, Ultra High Speed D/A Converter
August 1997
logo
Sony Corporation
CXA1106P SONY-CXA1106P Datasheet
350Kb / 19P
   8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
logo
Intersil Corporation
HI1171 INTERSIL-HI1171 Datasheet
42Kb / 7P
   8-Bit, 40 MSPS, High Speed D/A Converter
August 1997
logo
Renesas Technology Corp
HI1171 RENESAS-HI1171 Datasheet
382Kb / 7P
   8-Bit, 40 MSPS, High Speed D/A Converter
logo
Intersil Corporation
HI1171 INTERSIL-HI1171_05 Datasheet
119Kb / 7P
   8-Bit, 40 MSPS, High Speed D/A Converter
ISL5627 INTERSIL-ISL5627 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
HI1106 INTERSIL-HI1106 Datasheet
691Kb / 14P
   8-Bit, 35 MSPS, High Speed D/A Converter (TTL Input)
logo
Fairchild Semiconductor
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com