Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI9P0549-5 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HI9P0549-5
Description  Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI9P0549-5 Datasheet(HTML) 3 Page - Intersil Corporation

  HI9P0549-5 Datasheet HTML 1Page - Intersil Corporation HI9P0549-5 Datasheet HTML 2Page - Intersil Corporation HI9P0549-5 Datasheet HTML 3Page - Intersil Corporation HI9P0549-5 Datasheet HTML 4Page - Intersil Corporation HI9P0549-5 Datasheet HTML 5Page - Intersil Corporation HI9P0549-5 Datasheet HTML 6Page - Intersil Corporation HI9P0549-5 Datasheet HTML 7Page - Intersil Corporation HI9P0549-5 Datasheet HTML 8Page - Intersil Corporation HI9P0549-5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
HI-548 (PLCC)
TOP VIEW
HI-549 (PLCC)
TOP VIEW
Pinouts (Continued)
-VSUPPLY
IN 1
NC
IN 2
IN 3
GND
+VSUPPLY
NC
IN 5
IN 6
19
3
2
20
1
15
16
17
18
14
9
10
11
12
13
4
5
6
7
8
-VSUPPLY
IN 1A
NC
IN 2A
IN 3A
+VSUPPLY
IN 1B
NC
IN 2B
IN 3B
19
3
2
20
1
15
16
17
18
14
9
10
11
12
13
4
5
6
7
8
TRUTH TABLE HI-546
A3
A2
A1
A0
EN
“ON” CHANNEL
XXXX
L
None
LLLL
H
1
LLL
H
H
2
LL
H
L
H
3
L
L
HHH
4
LHL
L
H
5
LHLH
H
6
LH
HLH
7
L
HHHH
8
H
LLL
H
9
HL
LH
H
10
HLHLH
11
H
L
HHH
12
HH
L
L
H
13
HH
L
H
H
14
HHH
L
H
15
HHHHH
16
TRUTH TABLE HI-547
A2
A1
A0
EN
“ON” CHANNEL PAIR
X
X
X
L
None
LLL
H
1
LL
H
H
2
LHLH
3
LH
H
H
4
HL
LH
5
HLH
H
6
H
HLH
7
HHHH
8
TRUTH TABLE HI-548
A2
A1
A0
EN
“ON” CHANNEL
X
X
X
L
None
LLL
H
1
LL
H
H
2
LHLH
3
LH
H
H
4
HL
LH
5
HLH
H
6
H
HLH
7
HHHH
8
TRUTH TABLE HI-549
A1
A0
EN
“ON” CHANNEL PAIR
X
X
L
None
LL
H
1
LH
H
2
HLH
3
HHH
4
TRUTH TABLE HI-547 (Continued)
A2
A1
A0
EN
“ON” CHANNEL PAIR
HI-546, HI-547, HI-548, HI-549


Similar Part No. - HI9P0549-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI9P0549-9 INTERSIL-HI9P0549-9 Datasheet
533Kb / 24P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
HI9P0549-9Z INTERSIL-HI9P0549-9Z Datasheet
533Kb / 24P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
HI9P0549-9Z INTERSIL-HI9P0549-9Z Datasheet
719Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
October 1, 2015
More results

Similar Description - HI9P0549-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-546 INTERSIL-HI-546_05 Datasheet
533Kb / 24P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
HI1-0546-2 INTERSIL-HI1-0546-2 Datasheet
719Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
October 1, 2015
logo
Renesas Technology Corp
HI-546 RENESAS-HI-546 Datasheet
910Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
Jun 15, 2016
logo
Harris Corporation
HI-506A HARRIS-HI-506A Datasheet
1Mb / 14P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI1-0506A-2 INTERSIL-HI1-0506A-2 Datasheet
579Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-506A INTERSIL-HI-506A Datasheet
235Kb / 15P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
June 1999
logo
Renesas Technology Corp
HI-506A RENESAS-HI-506A Datasheet
1,010Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI1-0506A-2 INTERSIL-HI1-0506A-2 Datasheet
576Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
October 30, 2007
HI-506A INTERSIL-HI-506A_07 Datasheet
573Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-506A INTERSIL-HI-506A_04 Datasheet
613Kb / 19P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com