Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADCMP564 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP564
Description  Dual, High Speed ECL Comparators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP564 Datasheet(HTML) 1 Page - Analog Devices

  ADCMP564_15 Datasheet HTML 1Page - Analog Devices ADCMP564_15 Datasheet HTML 2Page - Analog Devices ADCMP564_15 Datasheet HTML 3Page - Analog Devices ADCMP564_15 Datasheet HTML 4Page - Analog Devices ADCMP564_15 Datasheet HTML 5Page - Analog Devices ADCMP564_15 Datasheet HTML 6Page - Analog Devices ADCMP564_15 Datasheet HTML 7Page - Analog Devices ADCMP564_15 Datasheet HTML 8Page - Analog Devices ADCMP564_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Dual, High Speed ECL Comparators
ADCMP563/ADCMP564
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113©2004–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Differential ECL-compatible outputs
700 ps propagation delay input to output
75 ps propagation delay dispersion
Input common-mode range: –2.0 V to +3.0 V
Robust input protection
Differential latch control
Internal latch pull-up resistors
Power supply rejection greater than 85 dB
700 ps minimum pulse width
1.5 GHz equivalent input rise time bandwidth
Typical output rise/fall time of 500 ps
ESD protection > 4kV HBM, >200V MM
Programmable hysteresis
APPLICATIONS
Automatic test equipment
High speed instrumentation
Scope and logic analyzer front ends
Window comparators
High speed line receivers
Threshold detection
Peak detection
High speed triggers
Patient diagnostics
Hand-held test instruments
Zero crossing detectors
Line receivers and signal restoration
Clock drivers
GENERAL DESCRIPTION
The ADCMP563/ADCMP564 are high speed comparators
fabricated on Analog Devices’ proprietary XFCB process. The
devices feature a 700 ps propagation delay with less than 75 ps
overdrive dispersion. Dispersion, a measure of the difference in
propagation delay under differing overdrive conditions, is a
particularly important characteristic of high speed comparators.
A separate programmable hysteresis pin is available on the
ADCMP564.
A differential input stage permits consistent propagation delay
with a wide variety of signals in the common-mode range from
−2.0 V to +3.0 V. Outputs are complementary digital signals
FUNCTIONAL BLOCK DIAGRAM
HYS*
*ADCMP564 ONLY
NONINVERTING
INPUT
INVERTING
INPUT
LATCH ENABLE
INPUT
Q OUTPUT
LATCH ENABLE
INPUT
Q OUTPUT
ADCMP563/
ADCMP564
Figure 1.
ADCMP563
BRQ
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
–INA
+INA
QA
QA
GND
VEE
LEA
LEA
–INB
+INB
QB
QB
GND
VCC
LEB
LEB
ADCMP564
BRQ
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
–INA
QA
QA
GND
VEE
LEA
LEA
GND
+INA
HYSA
–INB
QB
QB
GND
VCC
LEB
LEB
GND
+INB
HYSB
Figure 2. ADCMP563 16-Lead QSOP
Figure 3. ADCMP564 20-Lead QSOP
ADCMP563
BCP
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
–INA
VCC LEB LEB GND
VEE LEA LEA GND
+INA
+INB
QB
–INB
QA
QA
QB
PIN1
Figure 4. ADCMP563 16-Lead LFCSP
that are fully compatible with ECL 10 K and 10 KH logic
families. The outputs provide sufficient drive current to directly
drive transmission lines terminated in 50 Ω to −2 V. A latch
input, which is included, permits tracking, track-and-hold, or
sample-and-hold modes of operation. The latch input pins
contain internal pull-ups that set the latch in tracking mode
when left open.
The ADCMP563/ADCMP564 are specified over the industrial
temperature range (−40°C to +85°C).


Similar Part No. - ADCMP564_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP564BRQ AD-ADCMP564BRQ Datasheet
326Kb / 16P
   Dual High Speed ECL Comparators
REV. A
ADCMP564BRQ AD-ADCMP564BRQ Datasheet
279Kb / 16P
   Dual, High Speed ECL Comparators
REV. B
ADCMP564BRQZ AD-ADCMP564BRQZ Datasheet
279Kb / 16P
   Dual, High Speed ECL Comparators
REV. B
More results

Similar Description - ADCMP564_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP563 AD-ADCMP563_15 Datasheet
221Kb / 16P
   Dual, High Speed ECL Comparators
REV. C
ADCMP563 AD-ADCMP563_05 Datasheet
279Kb / 16P
   Dual, High Speed ECL Comparators
REV. B
ADCMP563 AD-ADCMP563 Datasheet
326Kb / 16P
   Dual High Speed ECL Comparators
REV. A
logo
Maxim Integrated Produc...
MAX9600 MAXIM-MAX9600 Datasheet
268Kb / 12P
   Dual ECL and Dual/Quad PECL, 500ps, Ultra-High-Speed Comparators
Rev 1; 9/02
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119_08 Datasheet
589Kb / 12P
   High speed dual comparators
LM119 STMICROELECTRONICS-LM119_02 Datasheet
182Kb / 9P
   HIGH SPEED DUAL COMPARATORS
LM119-LM219 STMICROELECTRONICS-LM119-LM219 Datasheet
122Kb / 9P
   HIGH SPEED DUAL COMPARATORS
logo
NEC
UPC319 NEC-UPC319 Datasheet
331Kb / 10P
   HIGH SPEED DUAL COMPARATORS
logo
Analog Devices
ADCMP562BRQZ AD-ADCMP562BRQZ Datasheet
341Kb / 16P
   Dual High Speed PECL Comparators
REV. A
ADCMP561 AD-ADCMP561 Datasheet
335Kb / 16P
   Dual High Speed PECL Comparators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com