Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI9P0509-5 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HI9P0509-5
Description  Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI9P0509-5 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HI9P0509-5 Datasheet HTML 2Page - Intersil Corporation HI9P0509-5 Datasheet HTML 3Page - Intersil Corporation HI9P0509-5 Datasheet HTML 4Page - Intersil Corporation HI9P0509-5 Datasheet HTML 5Page - Intersil Corporation HI9P0509-5 Datasheet HTML 6Page - Intersil Corporation HI9P0509-5 Datasheet HTML 7Page - Intersil Corporation HI9P0509-5 Datasheet HTML 8Page - Intersil Corporation HI9P0509-5 Datasheet HTML 9Page - Intersil Corporation HI9P0509-5 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
Schematic Diagrams
ADDRESS DECODER
ADDRESS INPUT BUFFER LEVEL SHIFTER
TTL REFERENCE CIRCUIT
MULTIPLEX SWITCH
P
N
A0 OR A0
TO N-CHANNEL
DEVICE OF
THE SWITCH
A1 OR A1
A2 OR A2
A3 OR A3
ENABLE
PP
PP
P
P
V+
V-
N
N
N
N
NN
TO P-CHANNEL
DEVICE OF
THE SWITCH
DELETE A3 OR A3 INPUT FOR HI-507, HI-508, HI-509
DELETE A2 OR A2 INPUT FOR HI-509
V+
P3
D1
D2
200
AIN
VR
ALL N-CHANNEL BODIES TO V-
ALL P-CHANNEL BODIES TO V+
UNLESS OTHERWISE INDICATED
A
V-
P1
N1
VL
P2
N2
N3
V-
V+
P4
P5
P6
P7
P8
P9
P10
N6
N7
N8
N9
N10
N4
N5
A
VL
Q9P
Q10N
N13
N14
P15
Q1P
N15
Q5N
D3
Q11P
R3
6.8K
P16
R2
16.8K
Q12N
Q6N
Q2P
V+
Q3P
Q4P
N12
Q7P
V-
GND
Q8N
VR
FROM DECODE
V+
N18
N19
P17
N17
V-
P18
OUT
FROM DECODE
IN
HI-506, HI-507, HI-508, HI-509


Similar Part No. - HI9P0509-5

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI9P0509-5 HARRIS-HI9P0509-5 Datasheet
854Kb / 16P
   SINGLE 16 AND 8/ DIFFERENTIAL 8 CHANNEL AND 4 CHANNEL CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
HI9P0509-5 INTERSIL-HI9P0509-5 Datasheet
693Kb / 23P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
HI9P0509-5 INTERSIL-HI9P0509-5 Datasheet
751Kb / 24P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
HI9P0509-5Z INTERSIL-HI9P0509-5Z Datasheet
693Kb / 23P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
HI9P0509-5Z INTERSIL-HI9P0509-5Z Datasheet
751Kb / 24P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
More results

Similar Description - HI9P0509-5

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI3-506 HARRIS-HI3-506 Datasheet
854Kb / 16P
   SINGLE 16 AND 8/ DIFFERENTIAL 8 CHANNEL AND 4 CHANNEL CMOS ANALOG MULTIPLEXERS
logo
Renesas Technology Corp
HI-506 RENESAS-HI-506 Datasheet
1,018Kb / 25P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
Jun 14, 2016
logo
Intersil Corporation
HI-506 INTERSIL-HI-506_07 Datasheet
751Kb / 24P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
HI-506 INTERSIL-HI-506_05 Datasheet
693Kb / 23P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
DG406883 INTERSIL-DG406883 Datasheet
826Kb / 13P
   Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers
DG406 INTERSIL-DG406_06 Datasheet
552Kb / 13P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG406 RENESAS-DG406 Datasheet
948Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Intersil Corporation
DG406DJZ INTERSIL-DG406DJZ Datasheet
604Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
October 1, 2013
logo
Analog Devices
AD7506JNZ AD-AD7506JNZ Datasheet
231Kb / 4P
   CMOS 8-and 16-Channel Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com