Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1175-EV Datasheet(PDF) 3 Page - Intersil Corporation

Part # HI1175-EV
Description  8-Bit, 20 MSPS, Flash A/D Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1175-EV Datasheet(HTML) 3 Page - Intersil Corporation

  HI1175-EV Datasheet HTML 1Page - Intersil Corporation HI1175-EV Datasheet HTML 2Page - Intersil Corporation HI1175-EV Datasheet HTML 3Page - Intersil Corporation HI1175-EV Datasheet HTML 4Page - Intersil Corporation HI1175-EV Datasheet HTML 5Page - Intersil Corporation HI1175-EV Datasheet HTML 6Page - Intersil Corporation HI1175-EV Datasheet HTML 7Page - Intersil Corporation HI1175-EV Datasheet HTML 8Page - Intersil Corporation HI1175-EV Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
4-1071
Pin Descriptions and Equivalent Circuits
PIN
NUMBER
SYMBOL
EQUIVALENT CIRCUIT
DESCRIPTION
1
OE
When OE = Low, Data is valid.
When OE = High, D0 to D7 pins high impedance.
2, 24
DVSS
Digital GND.
3-10
D0 to D7
D0 (LSB) to D7 (MSB) Output.
11, 13
DVDD
Digital +5V.
12
CLK
Clock Input.
16
VRTS
Shorted with VRT generates, +2.6V.
17
VRT
Reference Voltage (Top).
23
VRB
Reference Voltage (Bottom).
14, 15, 18
AVDD
Analog +5V.
19
VIN
Analog Input.
20, 21
AVSS
Analog GND.
22
VRBS
Shorted with VRB generates +0.6V.
1
DVDD
DVSS
D1
12
DVDD
DVSS
16
AVDD
AVDD
AVSS
17
23
AVDD
AVSS
19
22
AVSS
HI1175


Similar Part No. - HI1175-EV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1175-EV INTERSIL-HI1175-EV Datasheet
280Kb / 13P
   8-Bit, 20 MSPS, Flash A/D Converter
logo
Renesas Technology Corp
HI1175-EV RENESAS-HI1175-EV Datasheet
607Kb / 13P
   8-Bit, 20MSPS, Flash A/D Converter
More results

Similar Description - HI1175-EV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
   8-Bit, 20 MSPS Flash A/D Converter
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
logo
National Semiconductor ...
ADC0881 NSC-ADC0881 Datasheet
384Kb / 12P
   8-Bit 20 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1175 INTERSIL-HI1175_05 Datasheet
280Kb / 13P
   8-Bit, 20 MSPS, Flash A/D Converter
logo
National Semiconductor ...
ADC0882 NSC-ADC0882 Datasheet
344Kb / 11P
   8-Bit 20 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1176 INTERSIL-HI1176 Datasheet
85Kb / 11P
   8-Bit, 20 MSPS, Flash A/D Converter
October 1998
logo
Renesas Technology Corp
HI1176 RENESAS-HI1176 Datasheet
643Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
logo
Micro Linear Corporatio...
ML6401 MICRO-LINEAR-ML6401 Datasheet
554Kb / 10P
   8-Bit 20 MSPS A/D Converter
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com