Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1-574ALD-5 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HI1-574ALD-5
Description  Complete, 12-Bit A/D Converters with Microprocessor Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-574ALD-5 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HI1-574ALD-5 Datasheet HTML 2Page - Intersil Corporation HI1-574ALD-5 Datasheet HTML 3Page - Intersil Corporation HI1-574ALD-5 Datasheet HTML 4Page - Intersil Corporation HI1-574ALD-5 Datasheet HTML 5Page - Intersil Corporation HI1-574ALD-5 Datasheet HTML 6Page - Intersil Corporation HI1-574ALD-5 Datasheet HTML 7Page - Intersil Corporation HI1-574ALD-5 Datasheet HTML 8Page - Intersil Corporation HI1-574ALD-5 Datasheet HTML 9Page - Intersil Corporation HI1-574ALD-5 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6-957
DC and Transfer Accuracy Specifications Typical at 25oC with VCC = +15V or +12V, VLOGIC = +5V, VEE = -15V or -12V,
Unless Otherwise Specified
PARAMETER
TEMPERATURE RANGE
-2 (-55oC to 125oC)
UNITS
S SUFFIX
T SUFFIX
U SUFFIX
DYNAMIC CHARACTERISTICS
Resolution (Max)
12
12
12
Bits
Linearity Error
25oC
±1
±1/2
±1/2
LSB
-55oC to 125oC (Max)
±1
±1
±1
LSB
Max Resolution For Which No Missing Codes Is Guaranteed
25oC
HI-574A, HI-674A
12
12
12
Bits
HI-774
11
12
12
Bits
TMIN to TMAX
HI-574A, HI-674A
11
12
12
Bits
HI-774
11
12
12
Bits
Unipolar Offset (Max)
Adjustable to Zero
HI-574A, HI-674A
±2
±1.5
±1
LSB
HI-774
±2
±2
±1
LSB
Bipolar Offset (Max)
VIN = 0V (Adjustable to Zero)
±4
±4
±3
LSB
VIN = -10V
±0.15
±0.1
±0.1
% of FS
Full Scale Calibration Error
25oC (Max), With Fixed 50
Ω Resistor From REF OUT To REF IN
(Adjustable To Zero)
±0.25
±0.25
±0.15
% of FS
TMIN to TMAX (No Adjustment At 25
oC)
±0.75
±0.50
±0.275
% of FS
TMIN to TMAX (With Adjustment To Zero At 25
oC)
±0.50
±0.25
±0.125
% of FS
Temperature Coefficients
Guaranteed Max Change, TMIN to TMAX (Using Internal Reference)
Unipolar Offset
±2
±1
±1
LSB
Bipolar Offset
±2
±2
±1
LSB
Full Scale Calibration
±20
±10
±5
LSB
Power Supply Rejection
Max Change In Full Scale Calibration
+13.5V < VCC < +16.5V or +11.4V < VCC < +12.6V
±2
±1
±1
LSB
+4.5V < VLOGIC < +5.5V
±1/2
±1/2
±1/2
LSB
-16.5V < VEE < -13.5V or -12.6V < VEE < -11.4V
±2
±1
±1
LSB
ANALOG INPUTS
Input Ranges
Bipolar
-5 to +5
V
-10 to +10
V
Unipolar
0 to +10
V
0 to +20
V
HI-574A, HI-674A, HI-774


Similar Part No. - HI1-574ALD-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1-574AJD-5 INTERSIL-HI1-574AJD-5 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
HI1-574AJD-5 INTERSIL-HI1-574AJD-5 Datasheet
392Kb / 18P
   Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface
HI1-574AJD-5 INTERSIL-HI1-574AJD-5 Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
logo
Renesas Technology Corp
HI1-574AJD-5 RENESAS-HI1-574AJD-5 Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
logo
Intersil Corporation
HI1-574AKD-5 INTERSIL-HI1-574AKD-5 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
More results

Similar Description - HI1-574ALD-5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI-574A RENESAS-HI-574A Datasheet
631Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
Aug 7, 2008
logo
Intersil Corporation
HI-574A INTERSIL-HI-574A_01 Datasheet
453Kb / 17P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
HI3-574AJN-5 INTERSIL-HI3-574AJN-5 Datasheet
567Kb / 18P
   Complete, 12-Bit A/D Converters with Microprocessor Interface
August 7, 2008
HI-574A INTERSIL-HI-574A_08 Datasheet
392Kb / 18P
   Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface
logo
Analog Devices
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
ADADC84 AD-ADADC84 Datasheet
629Kb / 8P
   FAST, COMPLETE 12-BIT A/D CONVERTERS
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com