Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP424EDT Datasheet(PDF) 4 Page - Kingbright Corporation

Part # WP424EDT
Description  T-1(3mm) CYLINDRICAL LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP424EDT Datasheet(HTML) 4 Page - Kingbright Corporation

  WP424EDT_15 Datasheet HTML 1Page - Kingbright Corporation WP424EDT_15 Datasheet HTML 2Page - Kingbright Corporation WP424EDT_15 Datasheet HTML 3Page - Kingbright Corporation WP424EDT_15 Datasheet HTML 4Page - Kingbright Corporation WP424EDT_15 Datasheet HTML 5Page - Kingbright Corporation WP424EDT_15 Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPEC NO: DSAF2532
REV NO: V.5A
DATE: JAN/22/2015
PAGE: 4 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Q.M.Chen
ERP: 1101004424
PACKING & LABEL SPECIFICATIONS
WP424EDT
Terms and conditions for the usage of this document
1. The information included in this document reflects representative usage scenarios and is intended for technical reference only.
2. The part number, type, and specifications mentioned in this document are subject to future change and improvement without
notice. Before production usage customer should refer to the latest datasheet for the updated specifications.
3. When using the products referenced in this document, please make sure the product is being operated within the environmental
and electrical limits specified in the datasheet. If customer usage exceeds the specified limits, Kingbright will not be responsible
for any subsequent issues.
4. The information in this document applies to typical usage in consumer electronics applications. If customer's application has
special reliability requirements or have life-threatening liabilities, such as automotive or medical usage, please consult with
Kingbright representative for further assistance.
5. The contents and information of this document may not be reproduced or re-transmitted without permission by Kingbright.
6. All design applications should refer to Kingbright application notes available at http://www.KingbrightUSA.com/ApplicationNotes


Similar Part No. - WP424EDT_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP424EDT KINGBRIGHT-WP424EDT Datasheet
262Kb / 6P
   T-1 (3mm) CYLINDRICAL LED LAMP
More results

Similar Description - WP424EDT_15

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP424GDT KINGBRIGHT-WP424GDT_15 Datasheet
320Kb / 6P
   T-1(3mm) CYLINDRICAL LED LAMP
WP424SRDT KINGBRIGHT-WP424SRDT_15 Datasheet
319Kb / 6P
   T-1(3mm) CYLINDRICAL LED LAMP
WP424IDT KINGBRIGHT-WP424IDT Datasheet
263Kb / 6P
   T-1 (3mm) CYLINDRICAL LED LAMP
WP424EDT KINGBRIGHT-WP424EDT Datasheet
262Kb / 6P
   T-1 (3mm) CYLINDRICAL LED LAMP
WP424HDT KINGBRIGHT-WP424HDT Datasheet
262Kb / 6P
   T-1 (3mm) CYLINDRICAL LED LAMP
WP424HDT KINGBRIGHT-WP424HDT_15 Datasheet
320Kb / 6P
   T-1 (3mm) CYLINDRICAL LED LAMP
WP424GDT KINGBRIGHT-WP424GDT Datasheet
262Kb / 6P
   T-1 (3mm) CYLINDRICAL LED LAMP
WP424SRDT KINGBRIGHT-WP424SRDT Datasheet
260Kb / 6P
   T-1 (3mm) CYLINDRICAL LED LAMP
WP424YDT KINGBRIGHT-WP424YDT Datasheet
262Kb / 6P
   T-1 (3mm) CYLINDRICAL LED LAMP
WP424IDT KINGBRIGHT-WP424IDT_15 Datasheet
319Kb / 6P
   T-1 (3mm) CYLINDRICAL LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com