Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC912A Datasheet(PDF) 4 Page - Analog Devices

Part # ADC912A
Description  CMOS Microprocessor-Compatible 12-Bit A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADC912A Datasheet(HTML) 4 Page - Analog Devices

  ADC912A_15 Datasheet HTML 1Page - Analog Devices ADC912A_15 Datasheet HTML 2Page - Analog Devices ADC912A_15 Datasheet HTML 3Page - Analog Devices ADC912A_15 Datasheet HTML 4Page - Analog Devices ADC912A_15 Datasheet HTML 5Page - Analog Devices ADC912A_15 Datasheet HTML 6Page - Analog Devices ADC912A_15 Datasheet HTML 7Page - Analog Devices ADC912A_15 Datasheet HTML 8Page - Analog Devices ADC912A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. B
ADC912A
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADC912A features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
(TA = 25
°C, unless otherwise noted)
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VSS to DGND . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –7 V
VREFIN to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . VSS to VDD
AGND to DGND . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
AIN to AGND . . . . . . . . . . . . . . . . . . . . . . . . –15 V to +15 V
Digital Input Voltage to DGND,
Pins 17, 19–21 . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Digital Output Voltage to DGND,
Pins 4–11, 13–16, 18, 22 . . . . . . . . . –0.3 V to VDD + 0.3 V
Table I. Analog Input to Digital Output Code Conversion
Analog Input Voltage
Output Code
*
0 V to 10 V
–10 V to +10 V
DB11 (MSB) DB0 (LSB)
+FS – 1 LSB
9.9976
9.99951
1111
1111
111 1
+FS – 1 1/2 LSB
9.9964
9.9927
1111
1111
1111
φ
Midscale + 1/2 LSB
5.0012
0.0024
1000
0000
000
φ
Midscale
5.0000
0.0000
1000
0000
000 0
–FS + 1/2 LSB
0.0012
–9.9976
0000
0000
000
φ
–FS
0.0000
–10.000
0000
0000
000 0
*The symbol”
φ” indicates a 0 or 1 with equal probability.
Operating Temperature Range
Extended Industrial: ADC912A/F . . . . . . . –40
°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300
°C
Maximum Junction Temperature (TJ max) . . . . . . . . . . 150
°C
Package Power Dissipation . . . . . . . . . . . . . . (TJ max–TA)/
θJA
Thermal Resistance
θ
JA
Plastic DIP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
°C/W
SOIC-24 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
°C
ORDERING GUIDE
Temperature
INL
Package
Model
Range
(LSB)
Package Description
Option
ADC912AFP
–40
°C to +85°C
±1
24-Lead Narrow-Body Plastic
N-24
ADC912AFS
–40
°C to +85°C
±1
24-Lead Wide-Body SOIC
R-24


Similar Part No. - ADC912A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADC912AFP AD-ADC912AFP Datasheet
237Kb / 16P
   CMOS Microprocessor-Compatible 12-Bit A/D Converter
REV. B
ADC912AFS AD-ADC912AFS Datasheet
237Kb / 16P
   CMOS Microprocessor-Compatible 12-Bit A/D Converter
REV. B
More results

Similar Description - ADC912A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADC912A AD-ADC912A Datasheet
237Kb / 16P
   CMOS Microprocessor-Compatible 12-Bit A/D Converter
REV. B
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
logo
Intersil Corporation
ICL7109 INTERSIL-ICL7109 Datasheet
962Kb / 25P
   12-Bit, Microprocessor- Compatible A/D Converter
logo
Analog Devices
AD767KNZ AD-AD767KNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD567SD AD-AD567SD Datasheet
7Mb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
AD667JNZ AD-AD667JNZ Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com