Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI3-0508A-5 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI3-0508A-5
Description  16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3-0508A-5 Datasheet(HTML) 1 Page - Intersil Corporation

  HI3-0508A-5 Datasheet HTML 1Page - Intersil Corporation HI3-0508A-5 Datasheet HTML 2Page - Intersil Corporation HI3-0508A-5 Datasheet HTML 3Page - Intersil Corporation HI3-0508A-5 Datasheet HTML 4Page - Intersil Corporation HI3-0508A-5 Datasheet HTML 5Page - Intersil Corporation HI3-0508A-5 Datasheet HTML 6Page - Intersil Corporation HI3-0508A-5 Datasheet HTML 7Page - Intersil Corporation HI3-0508A-5 Datasheet HTML 8Page - Intersil Corporation HI3-0508A-5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
File Number
3143.2
HI-506A, HI-507A, HI-508A, HI-509A
16-Channel, 8-Channel, Differential
8-Channel and Differential 4-Channel,
CMOS Analog MUXs with Active
Overvoltage Protection
The HI-506A, HI-507A, HI-508A and HI-509A are analog
multiplexers with active overvoltage protection. Analog input
levels may greatly exceed either power supply without
damaging the device or disturbing the signal path of other
channels. Active protection circuitry assures that signal
fidelity is maintained even under fault conditions that would
destroy other multiplexers. Analog inputs can withstand
constant 70VP-P levels with ±15V supplies. Digital inputs will
also sustain continuous faults up to 4V greater than either
supply. In addition, signal sources are protected from short
circuiting should multiplexer supply loss occur. Each input
presents 1k
Ω of resistance under this condition. These
features make the HI-506A, HI-507A, HI-508A and HI-509A
ideal for use in systems where the analog inputs originate
from external equipment, or separately powered circuitry. All
devices are fabricated with 44V dielectrically isolated CMOS
technology. The HI-506A is a single 16-Channel multiplexer,
the HI-507A is an 8-Channel differential multiplexer, the
HI-508A is a single 8-Channel multiplexer and the HI-509A is
a differential 4-Channel multiplexer. If input overvoltage
protection is not needed the HI-506/507/508/509
multiplexers are recommended. For further information see
Application Notes AN520 and AN521.
Features
• Analog Overvoltage . . . . . . . . . . . . . . . . . . . . . . . . 70VP-P
• No Channel Interaction During Overvoltage
• Maximum Power Supply . . . . . . . . . . . . . . . . . . . . . . . 44V
• Fail Safe with Power Loss (No Latch-Up)
• Break-Before-Make Switching
• Analog Signal Range . . . . . . . . . . . . . . . . . . . . . . . .
±15V
• Access Time. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500ns
• Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . 7.5mW
Applications
• Data Acquisition Systems
• Industrial Controls
• Telemetry
Ordering Information
PART
NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
NO.
HI1-0506A-2
-55 to 125
28 Ld CERDIP
F28.6
HI1-0506A-5
0 to 75
28 Ld CERDIP
F28.6
HI1-0506A-8
-55 to 125
+ 160 Hour Burn-In
28 Ld CERDIP
F28.6
HI3-0506A-5
0 to 75
28 Ld PDIP
E28.6
HI1-0507A-8
-55 to 125
+ 160 Hour Burn-In
28 Ld CERDIP
F28.6
HI3-0507A-5
0 to 75
28 Ld PDIP
E28.6
HI1-0508A-7
0 to 75
+ 96 Hour Burn-In
16 Ld CERDIP
F16.3
HI1-0508A-8
-55 to 125
+ 160 Hour Burn-In
16 Ld CERDIP
F16.3
HI3-0508A-5
+0 to 75
16 Ld PDIP
E16.3
HI1-0509A-2
-55 to 125
16 Ld CERDIP
F16.3
HI1-0509A-5
0 to 75
16 Ld CERDIP
F16.3
HI1-0509A-8
-55 to 125
+ 160 Hour Burn-In
16 Ld CERDIP
F16.3
HI3-0509A-5
0 to 75
16 Ld PDIP
E16.3
Data Sheet
June 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


Similar Part No. - HI3-0508A-5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
HI3-0508A-5 MAXIM-HI3-0508A-5 Datasheet
438Kb / 11P
   Fault-Protected Analog Multiplexer
Rev 0; 4/88
logo
Harris Corporation
HI3-0508A-5 HARRIS-HI3-0508A-5 Datasheet
1Mb / 14P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Texas Instruments
HI3-0508A-5 TI-HI3-0508A-5 Datasheet
1Mb / 10P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
HI3-0508A-5 INTERSIL-HI3-0508A-5 Datasheet
613Kb / 19P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI3-0508A-5 INTERSIL-HI3-0508A-5 Datasheet
573Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
More results

Similar Description - HI3-0508A-5

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI-506A HARRIS-HI-506A Datasheet
1Mb / 14P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI1-0506A-2 INTERSIL-HI1-0506A-2 Datasheet
579Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Renesas Technology Corp
HI-506A RENESAS-HI-506A Datasheet
1,010Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI1-0506A-2 INTERSIL-HI1-0506A-2 Datasheet
576Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
October 30, 2007
HI-506A INTERSIL-HI-506A_07 Datasheet
573Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-506A INTERSIL-HI-506A_04 Datasheet
613Kb / 19P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-546 INTERSIL-HI-546_05 Datasheet
533Kb / 24P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
HI1-0546-2 INTERSIL-HI1-0546-2 Datasheet
719Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
October 1, 2015
HI-546 INTERSIL-HI-546 Datasheet
329Kb / 15P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
June 1999
logo
Renesas Technology Corp
HI-546 RENESAS-HI-546 Datasheet
910Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
Jun 15, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com