Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1166Y Datasheet(PDF) 5 Page - Intersil Corporation

Part # HI1166Y
Description  8-Bit 250 MSPS Flash A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1166Y Datasheet(HTML) 5 Page - Intersil Corporation

  HI1166Y Datasheet HTML 1Page - Intersil Corporation HI1166Y Datasheet HTML 2Page - Intersil Corporation HI1166Y Datasheet HTML 3Page - Intersil Corporation HI1166Y Datasheet HTML 4Page - Intersil Corporation HI1166Y Datasheet HTML 5Page - Intersil Corporation HI1166Y Datasheet HTML 6Page - Intersil Corporation HI1166Y Datasheet HTML 7Page - Intersil Corporation HI1166Y Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
HI1166Y
39
CLK
I
ECL
CLK Input
38
CLK
Complementary CLK input.
Pulled down to -1.3V when left
open.
62
VRT
I
0V
Analog reference voltage (top)
(0V Typ.).
63
VRTS
O
0V
Reference voltage sense (top).
54
VRM
IVRB/2
Reference voltage mid point. Can
be used for linearity compensation.
45
VRBS
O
-2V
Reference voltage sense
(bottom).
46
VRB
I
-2V
Analog reference voltage
(bottom).
51, 52
VIN2
IVRTS to VRBS
Analog input.
All of the pins must be wired exter-
nally.
56, 57
VIN1
Pad Descriptions (Continued)
PAD
NUMBER SYMBOL
I/O
STANDARD
VOLTAGE LEVEL
EQUIVALENT CIRCUIT
DESCRIPTION
DVEE
CLK
CLK
DGND1
R
R
R
R
RR
8
30
39
38
9
R/2
R
VRT
R1
R2
R
R3
VRM
R
R/2
VRBS
R4
62
63
VRTS
54
45
R5
46
VRB
TO
COMPARATORS
AGND
49, 50, 53,
55, 58, 59
TO COMP.
128 TO 255
56
0 TO 127
57
VIN1
VIN2
52
51


Similar Part No. - HI1166Y

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1166 INTERSIL-HI1166 Datasheet
125Kb / 12P
   8-Bit, 250 MSPS, Flash A/D Converter
September 1998
HI1166-EV INTERSIL-HI1166-EV Datasheet
125Kb / 12P
   8-Bit, 250 MSPS, Flash A/D Converter
September 1998
HI1166-EV INTERSIL-HI1166-EV Datasheet
762Kb / 11P
   8-Bit, 250 MSPS, Flash A/D Converter
HI1166AIL INTERSIL-HI1166AIL Datasheet
125Kb / 12P
   8-Bit, 250 MSPS, Flash A/D Converter
September 1998
HI1166AIL INTERSIL-HI1166AIL Datasheet
762Kb / 11P
   8-Bit, 250 MSPS, Flash A/D Converter
More results

Similar Description - HI1166Y

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1166 INTERSIL-HI1166_00 Datasheet
762Kb / 11P
   8-Bit, 250 MSPS, Flash A/D Converter
HI1166 INTERSIL-HI1166 Datasheet
125Kb / 12P
   8-Bit, 250 MSPS, Flash A/D Converter
September 1998
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
   8-Bit, 20 MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com