Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1-0508A-8 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HI1-0508A-8
Description  16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-0508A-8 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HI1-0508A-8 Datasheet HTML 4Page - Intersil Corporation HI1-0508A-8 Datasheet HTML 5Page - Intersil Corporation HI1-0508A-8 Datasheet HTML 6Page - Intersil Corporation HI1-0508A-8 Datasheet HTML 7Page - Intersil Corporation HI1-0508A-8 Datasheet HTML 8Page - Intersil Corporation HI1-0508A-8 Datasheet HTML 9Page - Intersil Corporation HI1-0508A-8 Datasheet HTML 10Page - Intersil Corporation HI1-0508A-8 Datasheet HTML 11Page - Intersil Corporation HI1-0508A-8 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
MOS Drive, VAL, HI-506A/HI-507A
VREF = +10V
25
-
-
0.8
-
-
0.8
V
MOS Drive, VAH, HI-506A/HI-507A
VREF = +10V
25
6.0
-
-
6.0
-
-
V
ANALOG CHANNEL CHARACTERISTICS
Analog Signal Range, VIN
Note 2
Full
-15
-
+15
-15
-
+15
V
On Resistance, rON
Notes 2, 3
25
-
1.2
1.5
-
1.5
1.8
k
Full
-
1.5
1.8
-
1.8
2.0
k
Off Input Leakage Current, IS(OFF)
Notes 2, 4
25
-
0.03
-
-
0.03
-
nA
Full
-
-
50
-
-
50
nA
Off Output Leakage Current, ID(OFF)
Notes 2, 4
25
-
0.1
-
-
0.1
-
nA
HI-506A
Full
-
-
300
-
-
300
nA
HI-507A
Full
-
-
200
-
-
200
nA
HI-508A
Full
-
-
200
-
-
200
nA
HI-509A
Full
-
-
100
-
-
100
nA
ID(OFF) With Input Overvoltage Applied
Note 5
25
-
4.0
-
-
4.0
-
nA
Full
-
-
2.0
-
-
-
µA
On Channel Leakage Current, ID(ON)
Notes 2, 4
25
-
0.1
-
-
0.1
-
nA
HI-506A
Full
-
-
300
-
-
300
nA
HI-507A
Full
-
-
200
-
-
200
nA
HI-508A
Full
-
-
200
-
-
200
nA
HI-509A
Full
-
-
100
-
-
100
nA
Differential Off Output Leakage Current, IDIFF,
(HI-507A, HI-509A Only)
Full
-
-
50
-
-
50
nA
POWER SUPPLY CHARACTERISTICS
Current, I+
Notes 2, 8
Full
-
0.5
2.0
-
0.5
2.0
mA
Current, I-
Notes 2, 8
Full
-
0.02
1.0
-
0.02
1.0
mA
Power Dissipation, PD
Full
-
7.5
-
-
7.5
-
mW
NOTES:
2. 100% tested for Dash 8. Leakage currents not tested at -55oC.
3. VOUT = ±10V, IOUT = +100µA.
4. 10nA is the practical lower limit for high speed measurement in the production test environment.
5. Analog Overvoltage =
±33V.
6. Digital input leakage is primarily due to the clamp diodes (see Schematic). Typical leakage is less than 1nA at 25oC.
7. VEN = 0.8V, RL = 1K, CL = 15pF, VS = 7VRMS, f = 100kHz.
8. VEN, VA = 0V or 4V.
9. To drive from DTL/TTL Circuits, 1k
Ω pull-up resistors to +5V supply are recommended.
Electrical Specifications
Supplies = +15V, -15V; VREF Pin = Open; VAH (Logic Level High) = 4V; VAL (Logic Level Low) = 0.8V,
Unless Otherwise Specified. For Test Conditions, Consult Test Circuits Section (Continued)
PARAMETER
TEST
CONDITIONS
TEMP
(oC)
-2, -8
-5, -7
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
HI-506A, HI-507A, HI-508A, HI-509A


Similar Part No. - HI1-0508A-8

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI1-0508A-8 HARRIS-HI1-0508A-8 Datasheet
1Mb / 14P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI1-0508A-8 INTERSIL-HI1-0508A-8 Datasheet
613Kb / 19P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI1-0508A-8 INTERSIL-HI1-0508A-8 Datasheet
573Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI1-0508A-8 INTERSIL-HI1-0508A-8 Datasheet
579Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI1-0508A-8 INTERSIL-HI1-0508A-8 Datasheet
576Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
October 30, 2007
More results

Similar Description - HI1-0508A-8

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI-506A HARRIS-HI-506A Datasheet
1Mb / 14P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI1-0506A-2 INTERSIL-HI1-0506A-2 Datasheet
579Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Renesas Technology Corp
HI-506A RENESAS-HI-506A Datasheet
1,010Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI1-0506A-2 INTERSIL-HI1-0506A-2 Datasheet
576Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
October 30, 2007
HI-506A INTERSIL-HI-506A_07 Datasheet
573Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-506A INTERSIL-HI-506A_04 Datasheet
613Kb / 19P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-546 INTERSIL-HI-546_05 Datasheet
533Kb / 24P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
HI1-0546-2 INTERSIL-HI1-0546-2 Datasheet
719Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
October 1, 2015
HI-546 INTERSIL-HI-546 Datasheet
329Kb / 15P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
June 1999
logo
Renesas Technology Corp
HI-546 RENESAS-HI-546 Datasheet
910Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
Jun 15, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com